Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6523 Datasheet(PDF) 21 Page - Princeton Technology Corp

Part # PT6523
Description  1/3 Duty General Purpose LCD Driver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6523 Datasheet(HTML) 21 Page - Princeton Technology Corp

Back Button PT6523 Datasheet HTML 15Page - Princeton Technology Corp PT6523 Datasheet HTML 16Page - Princeton Technology Corp PT6523 Datasheet HTML 17Page - Princeton Technology Corp PT6523 Datasheet HTML 18Page - Princeton Technology Corp PT6523 Datasheet HTML 19Page - Princeton Technology Corp PT6523 Datasheet HTML 20Page - Princeton Technology Corp PT6523 Datasheet HTML 21Page - Princeton Technology Corp PT6523 Datasheet HTML 22Page - Princeton Technology Corp PT6523 Datasheet HTML 23Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT6523 V1.8
- 21 -
July, 2007
1/3 Duty General Purpose LCD Driver IC
PT6523
PACKAGE INFORMATION
64 PINS, LQFP PACKAGE (BODY SIZE: 14MM X 14MM, PITCH: 0.80MM)
Symbol
Min.
Max.
A
-
2.45
A1
0.05
0.250
A2
1.80
2.200
b
0.300
0.420
c
0.110
0.230
D
13.900
14.100
D1
17.050
17.350
E
13.900
14.100
E1
17.050
17.350
e
0.80BSC.
L
0.730
1.030
θ
0
°
7
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com