Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1080CT Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # MBR1080CT
Description  10 Amp Schottky Barrier Rectifier 80-100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

MBR1080CT Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  MBR1080CT Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. MBR1080CT Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THRU
10 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
E
.380
.420
9.65
10.67
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.090
.110
2.29
2.79
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92

PIN 1
PIN 3
PIN 2
CASE
A
B
C
K
J
I
H
G
F
E
D
N
M
L
H
TO-220AB
PIN
13
2
Maximum Forward
Voltage Drop Per
Element
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
*Pulse test: Pulse width 300
µsec, Duty cycle
2%
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
80-100 Volts
TJ = 125
°C
Peak Forward Surge
Current
IFSM
120A
8.3ms, half sine
15mA
0.2mA
TJ = 25
°C
VF
.85V
.75V
MBR10100CT MBR10100CT
100V
70V
100V
MBR1080CT MBR1080CT
80V
56V
80V
MBR1080CT
MBR10100CT
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10A
TC = 100
°C
TJ = 125
°C
IFM = 5A
TJ = 25
°C
Typical Junction
Capacitance
300pF
CJ
Measured at
1.0MHz, VR=4.0V
IR
Web Site: WWW.PS-PFS.COM


Similar Part No. - MBR1080CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1080CT DIODES-MBR1080CT Datasheet
64Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Micro Commercial Compon...
MBR1080CT MCC-MBR1080CT Datasheet
881Kb / 2P
10 Am p Schott ky Barrier Rectifier 80-100 Volts
logo
Diodes Incorporated
MBR1080CT DIODES-MBR1080CT Datasheet
73Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. 2 - 2
logo
Pan Jit International I...
MBR1080CT PANJIT-MBR1080CT Datasheet
430Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Semiconduct...
MBR1080CT SIRECTIFIER-MBR1080CT Datasheet
102Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR1080CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1008J SSDI-SSR1008J Datasheet
172Kb / 2P
10 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR1008-59 SSDI-SSR1008-59 Datasheet
209Kb / 2P
10 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-5 SSDI-SSR1008-5 Datasheet
135Kb / 2P
10 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1080CT MCC-MBR1080CT_08 Datasheet
153Kb / 3P
10 Amp Schott ky Barrier Rectifier 80-100 Volts
MBRB10100CT MCC-MBRB10100CT Datasheet
455Kb / 3P
10 Amp Schottky Barrier Rectifier 100 Volts
SB280 MCC-SB280 Datasheet
205Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
MBR1080CT MCC-MBR1080CT_13 Datasheet
268Kb / 3P
10 Amp Schott ky Barrier Rectifier 80-100 Volts
MBR10100AULPS MCC-MBR10100AULPS Datasheet
145Kb / 3P
10 Amp Schottky Barrier Rectifier 100 Volts
MBRB10100CT MCC-MBRB10100CT_17 Datasheet
236Kb / 3P
10 Amp Schottky Barrier Rectifier 100 Volts
MBRD10100 MCC-MBRD10100 Datasheet
638Kb / 3P
10 Amp Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com