Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20118ASP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R2A20118ASP
Description  Critical Conduction Mode Interleaved PFC Control IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20118ASP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R2A20118ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 9Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
R2A20118ASP
Preliminary
R03DS0002EJ0100 Rev.1.00
Page 7 of 9
Jul 14, 2010
Electrical Characteristics (cont.)
(Ta = 25°C, VCC = 12 V, RT = 33 k
, BO = 5 V, OCP = TL = OVP2 = GND, CRAMP = 820 pF, FB = COMP,
RAMP-GAIN = OPEN)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Upper clamp voltage
Vzcdh
4.0
4.5
5.0
V
Isource = –3 mA
Lower clamp voltage
Vzcdl
–0.5
–0.1
0.4
V
Isink = 3 mA
ZCD low threshold voltage
Vzcd-lo
0.9
1.3
1.6
V
*
1
ZCD hysteresis
Hyszcd
130
250
360
mV
*
1
Zero
current
detector
Input bias current
Izcd
–14
–10
–6
A
1.2 V < Vzcd < 2.5 V
ZCD open
detector
Slave ZCD open detect delay
time
tzcds
—
100
—
ms
ZCD-S: Open
Gate drive 10 kHz *
1
Soft start
Charge current
Ic-ss
–14
–10
–6
A
SS = 2 V
Charge current
Ic-tl
–4.8
–3.2
–1.2
A
TL = 2 V
OCP-M = 0.5 V
Discharge current
Id-tl
1.2
3.2
4.8
A
TL = 2 V
Timer latch
for
overcurrent
Threshold voltage
Vtl
2.88
3.2
3.52
V
Restart
Restart time delay
Tstart
210
280
350
s
ZCD-M = 10 k
ZCD-S = 10 k
 *2
Notes: *1 Design spec.
*2
ZCD-M
Vzcd-lo (1.3 V: provide 250 mV hysteresis)
Tstart (280
μs)
[A period without ZCD-M trigger]
GD-M
Restart pulse width: 1
μs
(Design spec)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com