Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L358CNFP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F2L358CNFP
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358CNFP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F2L358CNFP Datasheet HTML 20Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 21Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 22Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 23Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 24Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 25Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 26Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 27Page - Renesas Technology Corp R5F2L358CNFP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
1. Overview
REJ03B0293-0100 Rev.1.00
Page 24 of 72
Jun 25, 2010
I: Input
O: Output
I/O: Input and output
Note:
1. Contact the oscillator manufacturer for oscillation characteristics.
Table 1.15
Pin Functions (2)
Item
Pin Name
I/O Type
Description
I2C bus
SCL
I/O
Clock I/O pin
SDA
I/O
Data I/O pin
SSU
SSI
I/O
Data I/O pin
SCS
I/O
Chip-select signal I/O pin
SSCK
I/O
Clock I/O pin
SSO
I/O
Data I/O pin
Reference voltage
input
VREF
I
Reference voltage input pin for the A/D converter and the D/A
converter
A/D converter
AN0 to AN11
I
A/D converter analog input pins
ADTRG
I
A/D external trigger input pin
D/A converter
DA0, DA1
O
D/A converter output pins
Comparator B
IVCMP1, IVCMP3
I
Comparator B analog voltage input pins
IVREF1, IVREF3
I
Comparator B reference voltage input pins
I/O ports
P0_0 to P0_7,
P1_0 to P1_7,
P2_0 to P2_7,
P3_0 to P3_7,
P4_0 to P4_7,
P5_0, P5_3,
P6_0 to P6_7
P7_0 to P7_7,
P10_0 to P10_7,
P11_0 to P11_7,
P12_0 to P12_3,
P13_0 to P13_7
I/O
CMOS I/O ports. Each port has an I/O select direction
register, allowing each pin in the port to be directed for input
or output individually.
Any port set to input can be set to use a pull-up resistor or not
by a program.
Ports P10_0 to P10_7 and P11_0 to P11_7 can be used as
LED drive ports.
Segment output
SEG0 to SEG55
O
LCD segment output pins
Common output
COM0 to COM7
O
LCD common output pins
Voltage multiplier
capacity connect
pins
CL1, CL2
O
Connect pins for the LCD control voltage multiplier
LCD power supply
VL1
I/O
Apply the voltage: 0
≤ VL1 ≤ VL2 ≤ VL3 ≤ VL4.
VL1 can be used as the reference potential input or output pin
when setting the voltage multiplier.
VL2 to VL4
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com