Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

151 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 151
Description  RENESAS MCU
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

151 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 151 Datasheet HTML 9Page - Renesas Technology Corp 151 Datasheet HTML 10Page - Renesas Technology Corp 151 Datasheet HTML 11Page - Renesas Technology Corp 151 Datasheet HTML 12Page - Renesas Technology Corp 151 Datasheet HTML 13Page - Renesas Technology Corp 151 Datasheet HTML 14Page - Renesas Technology Corp 151 Datasheet HTML 15Page - Renesas Technology Corp 151 Datasheet HTML 16Page - Renesas Technology Corp 151 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 121 page
background image
REJ03B0230-0110
Rev.1.10
Page 13 of 116
Sep 06, 2010
R32C/151 Group
1. Overview
Table 1.9
Pin Definitions and Functions (2/3)
Function
Symbol
I/O
Description
I/O ports
P0_0 to P0_7,
P1_0 to P1_7,
P2_0 to P2_7,
P3_0 to P3_7,
P4_0 to P4_7,
P5_0 to P5_7,
P6_0 to P6_7,
P7_0 to P7_7,
P8_0 to P8_4,
P8_6, P8_7,
P9_0 to P9_7,
P10_0 to P10_7,
P11_0 to P11_4,
P12_0 to P12_7,
P13_0 to P13_7,
P14_3 to P14_6,
P15_0 to P15_7
I/O
I/O ports in CMOS. Each port can be programmed to
input or output under the control of the direction register.
Pull-up resistors are selected for following 4-pin units, but
are enabled only for the input pins: Pi_0 to Pi_3 and Pi_4
to Pi_7 (i = 0 to 15)
Input port
P14_1
I
Input port in CMOS. Pull-up resistors are selectable for
P14_1 and P14_3
Timer A
TA0OUT to TA4OUT
I/O Timers A0 to A4 input/output
TA0IN to TA4IN
I
Timers A0 to A4 input
Timer B
TB0IN to TB5IN
I
Timers B0 to B5 input
Three-phase
motor control
timer output
U,
U, V, V, W, W
O
Three-phase motor control timer output
Serial interface
CTS0 to CTS4
I
Handshake input
RTS0 to RTS4
O
Handshake output
CLK0 to CLK4
I/O Transmit/receive clock input/output
RXD0 to RXD4
I
Serial data input
TXD0 to TXD4
O
Serial data output
I2C bus
(simplified)
SDA0 to SDA2
I/O Serial data input/output
SCL0 to SCL2
I/O Transmit/receive clock input/output
Serial interface
special functions
STXD0 to STXD2
O
Serial data output in slave mode
SRXD0 to SRXD2
I
Serial data input in slave mode
SS0 to SS2
I
Input to control serial interface special functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com