Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2M110ADSP Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F2M110ADSP
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M110ADSP Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F2M110ADSP Datasheet HTML 23Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 24Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 25Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 26Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 27Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 28Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 29Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 30Page - Renesas Technology Corp R5F2M110ADSP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 27 of 45
Aug 25, 2010
Notes:
1. Vcc = 2.7 V to 5.5 V and Topr = 0
°C to 60 °C, unless otherwise specified.
2. Definition of program/erase endurance
The number of program/erase cycles is defined on a per-block basis.
If the number of cycles is 10,000, each block can be erased 10,000 times.
For example, if 1,024 cycles of 1-byte-write are performed to different addresses in 1 Kbyte of block A, and then the block is
erased, the number of cycles is counted as one. Note, however, that the same address must not be programmed more than
once before completion of an erase (overwriting prohibited).
3. This indicates the number of times up to which all electrical characteristics can be guaranteed after the last programming/
erase operation. Operation is guaranteed for any number of operations in the range of 1 to the specified minimum (Min).
4. In a system that executes multiple programming operations, the actual erase count can be reduced by shifting the write
addresses in sequence and programming so that as much of the flash memory as possible is used before performing an erase
operation. For example, when programming in 16-byte units, the effective number of rewrites can be minimized by
programming up to 128 units before erasing them all in one operation. It is also advisable to retain data on the number of
erase operations for each block and establish a limit for the number of erase operations performed.
5. If an error occurs during a block erase, execute a clear status register command and then a block erase command at least
three times until the erase error does not occur.
6. For information on the program/erase failure rate, contact a Renesas technical support representative.
7. The data hold time includes the time that the power supply is off and the time the clock is not supplied.
Table 4.5
Flash Memory (Program ROM) Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
—
Program/erase endurance (2)
10,000 (3)
——
times
—
Byte programming time
(program/erase endurance
≤ 1,000
times)
—80
—
µs
—
Byte programming time
(program/erase endurance
> 1,000
times)
—
160
—
µs
—
Block erase time
—
0.12
—
s
td(SR-SUS)
Transition time to suspend
—
—
0.25 + CPU clock
× 3 cycles
ms
—
Time from suspend until erase restart
—
—
30 + CPU clock
× 1 cycle
µs
td(CMDRST
READY)
Time from when command is forcibly
terminated until reading is enabled
—
—
30 + CPU clock
× 1 cycle
µs
—
Program/erase voltage
1.8
—
5.5
V
—
Read voltage
1.8
—
5.5
V
—
Program/erase temperature
0
—
60
°C
—
Data hold time (7)
Ambient temperature = 85
°C
10
—
—
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com