Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64179NFB Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F64179NFB
Description  RENESAS MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64179NFB Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F64179NFB Datasheet HTML 35Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 36Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 37Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 38Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 39Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 40Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 41Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 42Page - Renesas Technology Corp R5F64179NFB Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
REJ03B0254-0110
Rev.1.10
Page 39 of 111
Jun 23, 2010
R32C/117 Group
4. Special Function Registers (SFRs)
Table 4.9
SFR List (9)
Address
Register
Symbol
Reset Value
0001A0h Group 0 Base Timer Register
G0BT
XXXXh
0001A1h
0001A2h Group 0 Base Timer Control Register 0
G0BCR0
00h
0001A3h Group 0 Base Timer Control Register 1
G0BCR1
0000 0000b
0001A4h Group 0 Time Measurement Prescaler Register 6
G0TPR6
00h
0001A5h Group 0 Time Measurement Prescaler Register 7
G0TPR7
00h
0001A6h Group 0 Function Enable Register
G0FE
00h
0001A7h Group 0 Function Select Register
G0FS
00h
0001A8h
0001A9h
0001AAh
0001ABh
0001ACh
0001ADh
0001AEh
0001AFh
0001B0h
0001B1h
0001B2h
0001B3h
0001B4h
0001B5h
0001B6h
0001B7h
0001B8h
0001B9h
0001BAh
0001BBh
0001BCh
0001BDh
0001BEh
0001BFh
0001C0h
0001C1h
0001C2h
0001C3h
0001C4h UART5 Special Mode Register 4
U5SMR4
00h
0001C5h UART5 Special Mode Register 3
U5SMR3
00h
0001C6h UART5 Special Mode Register 2
U5SMR2
00h
0001C7h UART5 Special Mode Register
U5SMR
00h
0001C8h UART5 Transmit/Receive Mode Register
U5MR
00h
0001C9h UART5 Bit Rate Register
U5BRG
XXh
0001CAh UART5 Transmit Buffer Register
U5TB
XXXXh
0001CBh
0001CCh UART5 Transmit/Receive Control Register 0
U5C0
0000 1000b
0001CDh UART5 Transmit/Receive Control Register 1
U5C1
0000 0010b
0001CEh UART5 Receive Buffer Register
U5RB
XXXXh
0001CFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com