Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4618 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4618
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4618 Datasheet HTML 9Page - Linear Technology LTM4618 Datasheet HTML 10Page - Linear Technology LTM4618 Datasheet HTML 11Page - Linear Technology LTM4618 Datasheet HTML 12Page - Linear Technology LTM4618 Datasheet HTML 13Page - Linear Technology LTM4618 Datasheet HTML 14Page - Linear Technology LTM4618 Datasheet HTML 15Page - Linear Technology LTM4618 Datasheet HTML 16Page - Linear Technology LTM4618 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM4618
13
4618f
APPLICATIONS INFORMATION
Slope Compensation
The module has already been internally compensated
for all output voltages. The Linear Technology μModule
Power Design Tool will be provided for other control loop
optimization.
RUN Pin
The RUN pin has a 1μA pull-up current source that will
enable the device in a float condition. A voltage divider
can be used to enable a UVLO function using the RUN
pin. See Figure 21.
Fault Conditions: Current Limit and Overcurrent
Foldback
The LTM4618 has a current mode controller, which inher-
ently limits the cycle-by-cycle inductor current not only in
steady-state operation, but also in transient.
To further limit current in the event of an overload condi-
tion, the LTM4618 provides foldback current limiting. If the
output voltage falls by more than 40%, then the maximum
output current is progressively lowered to about 25% of
its full current limit value.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-9 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
μModule package mounted to a hardware test board—also
defined by JESD51-9 (“Test Boards for Area Array Surface
Mount Package Thermal Measurements”). The motivation
for providing these thermal coefficients in found in JESD
51-12 (“Guidelines for Reporting and Using Electronic
Package Thermal Information”).
Many designers may opt to use laboratory equipment
and a test vehicle such as the demo board to anticipate
the μModule regulator’s thermal performance in their ap-
plication at various electrical and environmental operating
conditions to compliment any FEA activities. Without FEA
software, the thermal resistances reported in the Pin Con-
figuration section are in-and-of themselves not relevant to
providing guidance of thermal performance; instead, the
derating curves provided in the data sheet can be used in
a manner that yields insight and guidance pertaining to
one’s application-usage, and can be adapted to correlate
thermal performance to one’s own application.
The Pin Configuration section shows four thermal coef-
ficients explicitly defined in JESD 51-12; these coefficients
are quoted or paraphrased below:
θJA, the thermal resistance from junction to ambi-
ent, is the natural convection junction-to-ambient
air thermal resistance measured in a one cubic foot
sealed enclosure. This environment is sometimes
referred to as “still air” although natural convection
causes the air to move. This value is determined with
the part mounted to a JESD 51-9 defined test board,
which does not reflect an actual application or viable
operating condition.
θJCbottom, the thermal resistance from junction to the
bottom of the product case, is the junction-to-board
thermal resistance with all of the component power
dissipation flowing through the bottom of the pack-
age. In the typical μModule, the bulk of the heat flows
out the bottom of the package, but there is always
heat flow out into the ambient environment. As a
result, this thermal resistance value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.
θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the
top of the package. As the electrical connections of
the typical μModule are on the bottom of the pack-
age, it is rare for an application to operate such that
most of the heat flows from the junction to the top of
the part. As in the case of
θJCbottom, this value may
be useful for comparing packages but the test condi-
tions don’t generally match the user’s application.
θJB, the thermal resistance from junction to the
printed circuit board, is the junction-to-board thermal
resistance where almost all of the heat flows through
the bottom of the μModule and into the board, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com