Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC014T-I/ST Datasheet(PDF) 33 Page - Microchip Technology

Part # 24LC014T-I/ST
Description  1K I2C??Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC014T-I/ST Datasheet(HTML) 33 Page - Microchip Technology

Back Button 24LC014T-I/ST Datasheet HTML 28Page - Microchip Technology 24LC014T-I/ST Datasheet HTML 29Page - Microchip Technology 24LC014T-I/ST Datasheet HTML 30Page - Microchip Technology 24LC014T-I/ST Datasheet HTML 31Page - Microchip Technology 24LC014T-I/ST Datasheet HTML 32Page - Microchip Technology 24LC014T-I/ST Datasheet HTML 33Page - Microchip Technology 24LC014T-I/ST Datasheet HTML 34Page - Microchip Technology 24LC014T-I/ST Datasheet HTML 35Page - Microchip Technology 24LC014T-I/ST Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2010 Microchip Technology Inc.
DS21809G-page 33
24AA014/24LC014
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
24AA014:
1.7V, 1 Kbit Addressable Serial EEPROM
24AA014T: 1.7V, 1 Kbit Addressable Serial EEPROM
(Tape and Reel)
24LC014:
2.5V, 1 Kbit Addressable Serial EEPROM
24LC014T: 2.5V, 1 Kbit Addressable Serial EEPROM
(Tape and Reel)
Temperature Range: I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
OT
=
Plastic Small Outline (SOT-23), (Tape & Reel
only), 6-lead
P
=
Plastic DIP, (300 mil Body), 8-lead
SN
=
Plastic SOIC, (3.90 mm Body)
ST
=
TSSOP, 8-lead
MS
=
MSOP, 8-lead
MC
=
2x3 DFN, 8-lead
MNY(1) =
Plastic Dual Flat (TDFN), No lead package,
2x3 mm body, 8-lead (Tape & Reel only)
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
24AA014-I/P: Industrial Temperature,
1.7V, PDIP package.
b)
24AA014-I/SN: Industrial Temperature,
1.7V, SOIC Package.
c)
24AA014T-I/ST: Industrial Temperature,
1.7V, TSSOP Package, Tape and Reel.
a)
24LC014-I/P: Industrial Temperature,
2.5V, PDIP Package.
b)
24LC014T-I/SN: Industrial Temperature,
2.5V, SOIC Package, Tape and Reel.
c)
24LC014T-I/MS: Industrial Temperature,
2.5V, MSOP Package, Tape and Reel.
a)
24LC014T-E/MNY: Automotive Tempera-
ture, 2.5V, TDFN Package, Tape and
Reel.
b)
24LC014-E/MS: Automotive Tempera-
ture, 2.5V, MSOP Package.
Note 1: “Y” indicates a Nickel, Palladium, Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com