Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF720-I/ML Datasheet(PDF) 192 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 192 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 188Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 189Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 190Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 191Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 192Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 193Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 194Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 195Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 192
 2010 Microchip Technology Inc.
23.4
DC Characteristics: PIC16F/LF720/721-I/E
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O PORT:
D030
with TTL buffer
—
—
0.8
V
4.5V
 VDD  5.5V
D030A
—
—
0.15 VDD
V1.8V
 VDD  4.5V
D031
with Schmitt Trigger buffer
—
—
0.2 VDD
V2.0V
 VDD  5.5V
with I2C™ levels
—
—
0.3 VDD
V
D032
MCLR, OSC1 (RC mode)
—
—
0.2 VDD
V
D033A
OSC1 (HS mode)
—
—
0.3 VDD
V
VIH
Input High Voltage
I/O ports:
—
—
D040
with TTL buffer
2.0
—
—
V
4.5V
 VDD 5.5V
D040A
0.25 VDD +
0.8
——
V
1.8V
 VDD  4.5V
D041
with Schmitt Trigger buffer
0.8 VDD
——
V
2.0V
 VDD  5.5V
with I2C™ levels
0.7 VDD
——
V
D042
MCLR
0.8 VDD
——
V
D043A
OSC1 (HS mode)
0.7 VDD
——
V
D043B
OSC1 (RC mode)
0.9 VDD
——
V
IIL
Input Leakage Current(1)
D060
I/O ports
—
± 5
± 5
± 125
± 1000
nA
nA
VSS
 VPIN  VDD, Pin at high-
impedance, 85°C
125°C
D061
MCLR(2)
MCLR(3)
—
—
± 50
±300
± 200
±1500
nA
nA
VSS
 VPIN  VDD, 85°C
125°C
IPUR
PORTB Weak Pull-up Current
D070*
25
25
100
140
200
300
A
VDD = 3.3V, VPIN = VSS
VDD = 5.0V, VPIN = VSS
VOL
Output Low Voltage(3)
D080
I/O ports
——
0.6
V
IOL = 8mA, VDD = 5V
IOL = 6mA, VDD = 3.3V
IOL = 1.8mA, VDD = 1.8V
VOH
Output High Voltage(3)
D090
I/O ports
VDD - 0.7
—
—
V
IOH = 3.5mA, VDD = 5V
IOH = 3mA, VDD = 3.3V
IOH = 1mA, VDD = 1.8V
CIO
Capacitive Loading Specs on Output Pins
D101A*
All I/O pins
—
—
50
pF
EP
Program Flash Memory
D130
Cell Endurance
1k
10k
—
E/W
Temperature during programming:
10°C
 TA  40°C
D131
VDD for Read
VMIN
——
V
Legend:
TBD = To Be Determined
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: Negative current is defined as current sourced by the pin.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Including OSC2 in CLKOUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com