Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF720-I/ML Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 189Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 190Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 191Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 192Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 193Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 194Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 195Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 196Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 193
PIC16F/LF720/721
Voltage on MCLR/VPP during
Erase/Program
8.0
—
9.0
V
Temperature during programming:
10°C
 TA  40°C
D132
VPEW
VDD for Write or Row Erase
2
2
—
—
5.5
3.6
V
V
PIC16F720/21
PIC16LF720/21
IPPPGM*
Current on MCLR/VPP during
Erase/Write
——
5.0
mA
Temperature during programming:
10°C
 TA  40°C
IDDPGM* Current on VDD during Erase/
Write
—
5.0
mA
Temperature during programming:
10°C
 TA  40°C
D133
TPEW
Erase/Write cycle time
—
2.8
ms
Temperature during programming:
10°C
 TA  40°C
D134*
TRETD
Characteristic Retention
40
—
—
Year
Provided no other specifications
are violated
23.4
DC Characteristics: PIC16F/LF720/721-I/E (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
Legend:
TBD = To Be Determined
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: Negative current is defined as current sourced by the pin.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Including OSC2 in CLKOUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com