Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC014-I/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC014-I/MS
Description  1K I2C??Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC014-I/MS Datasheet(HTML) 1 Page - Microchip Technology

  24LC014-I/MS Datasheet HTML 1Page - Microchip Technology 24LC014-I/MS Datasheet HTML 2Page - Microchip Technology 24LC014-I/MS Datasheet HTML 3Page - Microchip Technology 24LC014-I/MS Datasheet HTML 4Page - Microchip Technology 24LC014-I/MS Datasheet HTML 5Page - Microchip Technology 24LC014-I/MS Datasheet HTML 6Page - Microchip Technology 24LC014-I/MS Datasheet HTML 7Page - Microchip Technology 24LC014-I/MS Datasheet HTML 8Page - Microchip Technology 24LC014-I/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2010 Microchip Technology Inc.
DS21809G-page 1
24AA014/24LC014
Device Selection Table
Features:
• Single-Supply with Operation down to 1.7V
• Low-Power CMOS Technology:
- 1 mA active current, typical
-1
A standby current, typical at 5.5V
• Organized as a Single Block of 128 Bytes
(128 x 8)
• Hardware Write Protection for Entire Array
• 2-Wire Serial Interface Bus, I2C™ Compatible
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Buffer for up to 16 Bytes
• Self-Timed Write Cycle (including auto-erase)
• 5 ms max. Write Cycle Time
• Address Lines allow up to Eight Devices on Bus
• 1,000,000 Erase/Write Cycles
• ESD Protection > 4,000V
• Data Retention > 200 Years
• 8-Lead PDIP, SOIC, TSSOP, DFN, TDFN and
MSOP Packages
• 6-Lead SOT-23 Package
• Pb-Free and RoHS Compliant
• Available for Extended Temperature Ranges:
Description:
The Microchip Technology Inc. 24AA014/24LC014 is a
1 Kbit Serial Electrically Erasable PROM with opera-
tion down to 1.7V. The device is organized as a single
block of 128 x 8-bit memory with a 2-wire serial inter-
face. Low-current design permits operation with typical
standby and active currents of only 1
A and 1 mA,
respectively. The device has a page write capability for
up to 16 bytes of data. Functional address lines allow
the connection of up to eight 24AA014/24LC014
devices on the same bus for up to 8 Kbits of contiguous
EEPROM memory. The device is available in the
standard 8-pin PDIP, 8-pin SOIC (150 mil), TSSOP, 2x3
DFN and TDFN and MSOP packages. The 24AA014/
24LC014 is also available in the 6-lead SOT-23
package.
Package Types
Block Diagram
Part
Number
VCC
Range
Max
Clock
Temp.
Range
24AA014
1.7V - 5.5V 400 kHz(1)
I
24LC014
2.5V - 5.5V
400 kHz
I, E
Note 1: 100 kHz for VCC < 2.5V
- Industrial (I):
-40°C to +85°C
- Automotive (E)
-40°C to +125°C
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/SOIC/TSSOP/MSOP
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
SOT-23
VCC
SCL
SDA
VSS
A0
A1
DFN/TDFN
1
2
3
4
5
6
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
Write-Protect
Circuitry
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
WP
1K I2C™ Serial EEPROM


Similar Part No. - 24LC014-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC014-I/MS MICROCHIP-24LC014-I/MS Datasheet
337Kb / 24P
1K I2C??Serial EEPROM
2005
24LC014-I/MS MICROCHIP-24LC014-I/MS Datasheet
528Kb / 30P
1K I2C??Serial EEPROM
2009
More results

Similar Description - 24LC014-I/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
1K I2C Serial EEPROM
2003
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
1K I2C??Serial EEPROM
2007
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
1K I2C??Serial EEPROM
2005
24AA01 MICROCHIP-24AA01_09 Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
1K I2C??Serial EEPROM
2009
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
1K I2C??Serial EEPROM
2009
24LC01B-SN MICROCHIP-24LC01B-SN Datasheet
515Kb / 35P
1K I2C??Serial EEPROM
2009
24LC01BP MICROCHIP-24LC01BP Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009 02/04/09
24LC01BT-I MICROCHIP-24LC01BT-I Datasheet
607Kb / 34P
1K I2C Serial EEPROM
02/04/09
24LC01B-I MICROCHIP-24LC01B-I Datasheet
343Kb / 26P
1K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com