Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM22RI Datasheet(PDF) 13 Page - Schurter Inc.

Part # MSM22RI
Description  Vandal-proof MSM switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM22RI Datasheet(HTML) 13 Page - Schurter Inc.

Back Button MSM22RI Datasheet HTML 9Page - Schurter Inc. MSM22RI Datasheet HTML 10Page - Schurter Inc. MSM22RI Datasheet HTML 11Page - Schurter Inc. MSM22RI Datasheet HTML 12Page - Schurter Inc. MSM22RI Datasheet HTML 13Page - Schurter Inc. MSM22RI Datasheet HTML 14Page - Schurter Inc. MSM22RI Datasheet HTML 15Page - Schurter Inc. MSM22RI Datasheet HTML 16Page - Schurter Inc. MSM22RI Datasheet HTML 17Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
3.1 Lettering
The last three digits in the Order No. define the lettering.
000
No lettering
001-072
Standard lettering
101-
Customized lettering
Example for ordering an lettering
Basic version
1241.6611.1120XXX
Symbols
001-072
Ordering indices for lettering
001=
A
016=
P
031=
4
046=
061= EIN
002=
B
017=
Q
032=
5
047=
→
062= AUS
003=
C
018=
R
033=
6
048=
←
063= AUF
004=
D
019=
S
034=
7
049=
↓
064= AB
005=
E
020=
T
035=
8
050=
↑
065= ON
006=
F
021=
U
036=
9
051=
%
066= OFF
007=
G
022=
V
037= +
052=
√
067= UP
008=
H
023=
W
038=
−
053= CTRL
068= DOWN
009=
I
024=
X
039=
.
054= RETURN
069= HIGH
010=
J
025=
Y
040=
×
055= SHIFT
070= LOW
011=
K
026=
Z
041=
÷
056= LOCK
071= ON/OFF
012=
L
027=
0
042=
∗
057= STOP
072= START
013
=
M
028
=
1
043
=
=
058
= ENTER
014
=
N
029
=
2
044
=
#
059
= BACK
015
=
O
030
=
3
045
=
↔
060
= LINE
Lettering size
MSM16 LE:
Single characters: height 5 mm, font: Helvetica normal DIN1451-1E
Text, max. 3 characters: height 3 mm, font: Helvetica normal DIN1451-1E
Text, max. 6 characters: height 2.5 mm, font: Helvetica condensed DIN1451-3E
Symbols (indices 037-052): capitals height 5 mm, font: True Type, Symbol
MSM19 LE / MSM 19 PI:
Single characters: height 8 mm, font: Helvetica normal DIN1451-1E
Text, max. 3 characters: height 3 mm, font: Helvetica normal DIN1451-1E
Text, max. 6 characters: height 2.5 mm, font: Helvetica condensed DIN1451-3E
Symbols (indices 037-052): capitals height 8 mm, font: True Type, Symbol
MSM22 LE / MSM22 PI:
Single characters: height 8 mm, font: Helvetica normal DIN1451-1E
Text, max. 3 characters: height 5 mm, font: Helvetica normal DIN1451-1E
Text, max. 6 characters: height 2.5 mm, font: Helvetica condensed DIN1451-3E
Symbols (indices 037-052): capitals height 8 mm, font: True Type, Symbol
Changes that contribute to technical improvement are subject to alternations
Page
Production date:
Produced by:
Modification date: Modified by:
Modification No. Data sheet No.
Index
13 of 17
05.11.2004
Ullmer
26.04.2006
Birmelin
9224
105.9502
f
Print date: 26.04.2006 11:47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com