Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8602 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8602
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LMP8602 Datasheet HTML 16Page - National Semiconductor (TI) LMP8602 Datasheet HTML 17Page - National Semiconductor (TI) LMP8602 Datasheet HTML 18Page - National Semiconductor (TI) LMP8602 Datasheet HTML 19Page - National Semiconductor (TI) LMP8602 Datasheet HTML 20Page - National Semiconductor (TI) LMP8602 Datasheet HTML 21Page - National Semiconductor (TI) LMP8602 Datasheet HTML 22Page - National Semiconductor (TI) LMP8602 Datasheet HTML 23Page - National Semiconductor (TI) LMP8602 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LOW SIDE CURRENT SENSING APPLICATION WITH
NEGATIVE COMMON MODE TRANSIENTS
Figure 10 illustrates the application of the LMP8602/
LMP8603 in a high side sensing application. This application
is similar to the low side sensing discussed above, except in
this application the common mode voltage on the shunt drops
below ground when the driver is switched off. Because the
common mode voltage range of the LMP8602/LMP8603 ex-
tends below the negative rail, the LMP8602/LMP8603 is also
very well suited for this application.
30083453
FIGURE 10. High Side Current Sensing Application with Negative Common Mode Transients
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com