Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLCSP16 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # WLCSP16
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

WLCSP16 Datasheet(HTML) 2 Page - NXP Semiconductors

  WLCSP16 Datasheet HTML 1Page - NXP Semiconductors WLCSP16 Datasheet HTML 2Page - NXP Semiconductors WLCSP16 Datasheet HTML 3Page - NXP Semiconductors WLCSP16 Datasheet HTML 4Page - NXP Semiconductors WLCSP16 Datasheet HTML 5Page - NXP Semiconductors WLCSP16 Datasheet HTML 6Page - NXP Semiconductors WLCSP16 Datasheet HTML 7Page - NXP Semiconductors WLCSP16 Datasheet HTML 8Page - NXP Semiconductors WLCSP16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 00 — 23 June 2010
2 of 38
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
Serial interfaces:
UART with fractional baud rate generation, internal FIFO, and RS-485 support.
One SPI controller with SSP features and with FIFO and multi-protocol capabilities
(see Section 7.16).
Clock generation:
12 MHz internal RC oscillator trimmed to 1% accuracy that can optionally be used
as a system clock.
Programmable watchdog oscillator with a frequency range of 7.8 kHz to 1.8 MHz.
PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from an external clock or the internal RC
oscillator.
Clock output function with divider that can reflect the external clock, IRC clock,
CPU clock, and the Watchdog clock.
Power control:
Integrated PMU (Power Management Unit) to minimize power consumption during
Sleep and Deep-sleep modes.
Two reduced power modes: Sleep and Deep-sleep modes.
Processor wake-up from Deep-sleep mode via a dedicated start logic using up to
six of the functional pins.
Power-On Reset (POR).
Brownout detect with four separate thresholds for interrupt and forced reset.
Unique device serial number for identification.
Single 3.3 V power supply (1.8 V to 3.6 V).
Available as WLCSP16 package.
3.
Applications
4.
Ordering information
4.1 Ordering options
Mobile devices
8-/16-bit applications
Consumer peripherals
Portable devices
Lighting
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1102
WLCSP16
wafer level chip-size package; 16 bumps; 2.17
× 2.32 × 0.6 mm
-
Table 2.
Ordering options
Type number
Flash
Total
SRAM
UART
RS-485
SPI
ADC
channels
Package
LPC1102
32 kB
8 kB
1
1
5
WLCSP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com