Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3104 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM3104
Description  Integrated Processor Companion with Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3104 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM3104 Datasheet HTML 1Page - Ramtron International Corporation FM3104 Datasheet HTML 2Page - Ramtron International Corporation FM3104 Datasheet HTML 3Page - Ramtron International Corporation FM3104 Datasheet HTML 4Page - Ramtron International Corporation FM3104 Datasheet HTML 5Page - Ramtron International Corporation FM3104 Datasheet HTML 6Page - Ramtron International Corporation FM3104 Datasheet HTML 7Page - Ramtron International Corporation FM3104 Datasheet HTML 8Page - Ramtron International Corporation FM3104 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
FM3104/16/64/256
Rev. 3.2
July 2010
Page 2 of 25
Pin Configuration
Pin Name
Function
CNT1, CNT2
Event Counter Inputs
A0, A1
Device Select inputs
CAL/PFO
Clock Calibration and Early
Power-Fail Output
/RST
Reset Input/Output
PFI
Early Power-fail Input
X1, X2
Crystal Connections
SDA
Serial Data
SCL
Serial Clock
VBAK
Battery-Backup Supply
VDD
Supply Voltage
VSS
Ground
Ordering Information
Base Configuration
Memory Size
Operating Voltage
Reset Threshold
Ordering Part Number
FM31256
256Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM31256-G
FM3164
64Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3164-G
FM3116
16Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3116-G
FM3104
4Kb
2.7-5.5V
2.6V, 2.9, 3.9, 4.4V
FM3104-G
Other memory configurations may be available. Please contact the factory for more information.
VDD
VBAK
SCL
SDA
VSS
X1
X2
CAL/PFO
CNT1
PFI
RST
A0
A1
CNT2
1
2
3
4
5
6
7
14
13
12
11
10
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com