Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3535 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3535
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM3535 Datasheet HTML 15Page - National Semiconductor (TI) LM3535 Datasheet HTML 16Page - National Semiconductor (TI) LM3535 Datasheet HTML 17Page - National Semiconductor (TI) LM3535 Datasheet HTML 18Page - National Semiconductor (TI) LM3535 Datasheet HTML 19Page - National Semiconductor (TI) LM3535 Datasheet HTML 20Page - National Semiconductor (TI) LM3535 Datasheet HTML 21Page - National Semiconductor (TI) LM3535 Datasheet HTML 22Page - National Semiconductor (TI) LM3535 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
30082443
ALS Zone to LED Brightness Mapping
FIGURE 15.
ALS Configuration Example
As an example, assume that the APDS-9005 is used as the
ambient light sensing photo diode with its output connected
to the ALSA input. The ALS Resistor Select Register (Address
0x51) is loaded with 0x40 which configures the ALS input for
a 2.32k
Ω internal pull-down resistor (see Internal ALS Resis-
tor Table). This gives the output of the APDS-9005 a typical
voltage swing of 0 to 875mV with a 0 to 1k LUX change in
ambient light (0.875mV/Lux). Next, the Configuration Regis-
ter (Address 0x20) is programmed with 0xDC, the ALS Con-
trol Register (Address 0x50) programmed to 0x40 and the
Control Register is programmed to 0x3F . This configures the
LM3535’s ambient light sensing interface for:
•
Ambient Light Current Control for BankA Enabled
•
ALS circuitry Enabled
•
Assigns D53 and D62 to bankA
•
Sets the ALS Averaging Time to 400ms
Next, the Control Register (Address 0x10) is programmed
with 0x3F which enables the 6 LEDs via the I2C compatible
interface.
Now assume that the APDS-9005 ambient light sensor de-
tects a 100 LUX ambient light at its input. This forces the
ambient light sensors output (and the ALS1 input) to 87.5mV
corresponding to Zone 0. Since Zone 0 points to the bright-
ness code programmed in Zone Target Register 0 (loaded
with code 0x19), the LED current becomes:
Next assume that the ambient light changes to 500 LUX (cor-
responding to an ALS1 voltage of 437.5mV). This moves the
ambient light into Zone 2 which corresponds to Zone Target
Register 2 (loaded with code 0x4C) the LED current then be-
comes:
This Example still applies to the LM3535-2ALS version using
two ambient light sensors. The ALS selector block makes the
front end decision as to which sensor to use.
ALS Averaging Time
The ALS Averaging Time is the time over which the Averager
block collects samples from the A/D converter and then av-
erages them to pass to the discriminator block (see ). Ambient
light sensor samples are averaged and then further pro-
cessed by the discriminator block to provide rejection of noise
and transient signals. The Averager is configurable with 8 dif-
ferent averaging times to provide varying amounts of noise
and transient rejection (see Figure 9). The discriminator block
algorithm has a maximum latency of two averaging cycles,
therefore the averaging time selection determines the amount
of delay that will exist between a steady state change in the
ambient light conditions and the associated change of the
backlight illumination. For example, the A/D converter sam-
ples the ALS inputs at 16kHz. If the averaging time is set to
800ms, the Averager will send the updated zone information
to the discriminator every 800ms. This zone information con-
tains the average of approximately 12800 samples (800ms ×
16kHz). Due to the latency of 2 averaging cycles, when there
is a steady state change in the ambient light, the LED current
will begin to transition to the appropriate target value after
approximately 1600ms have elapsed.
The sign and magnitude of these Averager outputs are used
to determine whether the LM3535 should change brightness
zones. The Averager block follows the following rules to make
a zone transition:
•
The Averager always begins with a Zone0 reading stored
at start-up. If the main display LEDs are active before the
ALS block is enabled, it is recommended that the ALS-EN
bit be enabled at least 3 averaging cycles times before the
ALS-ENA bit is enabled.
•
The Averager will always round down to the lower zone in
the case of a non-integer zone average (1.2 rounds to 1
and 1.75 also rounds to 1). Figure 16 shows an example
of how the Averager will make the zone decisions for
different Ambient conditions.
19
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com