Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-I/P Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC18LF4331-I/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/P Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC18LF4331-I/P Datasheet HTML 29Page - Microchip Technology PIC18LF4331-I/P Datasheet HTML 30Page - Microchip Technology PIC18LF4331-I/P Datasheet HTML 31Page - Microchip Technology PIC18LF4331-I/P Datasheet HTML 32Page - Microchip Technology PIC18LF4331-I/P Datasheet HTML 33Page - Microchip Technology PIC18LF4331-I/P Datasheet HTML 34Page - Microchip Technology PIC18LF4331-I/P Datasheet HTML 35Page - Microchip Technology PIC18LF4331-I/P Datasheet HTML 36Page - Microchip Technology PIC18LF4331-I/P Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 33
PIC18F2331/2431/4331/4431
3.6.4.1
Compensating with the EUSART
An adjustment may be required when the EUSART
begins generating framing errors or receives data with
errors while in Asynchronous mode. Framing errors
frequently indicate that the device clock frequency is
too high. To adjust for this, decrement the value in the
OSCTUNE register to reduce the clock frequency.
Conversely, errors in data may suggest that the clock
speed is too low; to compensate, increment the
OSCTUNE register to increase the clock frequency.
3.6.4.2
Compensating with the Timers
This technique compares the device clock speed to
that of a reference clock. Two timers may be used: one
timer clocked by the peripheral clock and the other by
a fixed reference source, such as the Timer1 oscillator.
Both timers are cleared, but the timer clocked by the
reference generates interrupts. When an interrupt
occurs, the internally clocked timer is read and both
timers are cleared. If the internally clocked timer value
is greater than expected, the internal oscillator block is
running too fast. To adjust for this, decrement the
OSCTUNE register.
3.6.4.3
Compensating with the CCP Module
in Capture Mode
A CCP module can use free-running Timer1 (or
Timer3), clocked by the internal oscillator block and an
external event with a known period (such as the AC
power frequency). The time of the first event is cap-
tured in the CCPRxH:CCPRxL registers and recorded
for later use. When the second event causes a capture,
the time of the first event is subtracted from the time of
the second event. Since the period of the external
event is known, the time difference between events can
be calculated.
If the measured time is much greater than the calcu-
lated time, the internal oscillator block is running too
fast. To compensate for this, decrement the OSCTUNE
register. If the measured time is much less than the
calculated time, the internal oscillator block is running
too slow and the OSCTUNE register should be
incremented.
REGISTER 3-1:
OSCTUNE: OSCILLATOR TUNING REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-0
TUN<5:0>:
Frequency Tuning bits
011111
= Maximum frequency
•
•
•
•
000001
000000
= Center frequency. Oscillator module is running at the calibrated frequency.
111111
•
•
•
•
100000
= Minimum frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com