Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/P Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC18LF4331-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC18LF4331-E/P Datasheet HTML 16Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 17Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 18Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 19Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 20Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 21Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 22Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 23Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 20
 2010 Microchip Technology Inc.
PORTA is a bidirectional I/O port.
RA0/AN0
RA0
AN0
219
19
I/O
I
TTL
Analog
Digital I/O.
Analog Input 0.
RA1/AN1
RA1
AN1
320
20
I/O
I
TTL
Analog
Digital I/O.
Analog Input 1.
RA2/AN2/VREF-/CAP1/
INDX
RA2
AN2
VREF-
CAP1
INDX
421
21
I/O
I
I
I
I
TTL
Analog
Analog
ST
ST
Digital I/O.
Analog Input 2.
A/D reference voltage (low) input.
Input Capture Pin 1.
Quadrature Encoder Interface index input pin.
RA3/AN3/VREF+/
CAP2/QEA
RA3
AN3
VREF+
CAP2
QEA
522
22
I/O
I
I
I
I
TTL
Analog
Analog
ST
ST
Digital I/O.
Analog Input 3.
A/D reference voltage (high) input.
Input Capture Pin 2.
Quadrature Encoder Interface Channel A input pin.
RA4/AN4/CAP3/QEB
RA4
AN4
CAP3
QEB
623
23
I/O
I
I
I
TTL
Analog
ST
ST
Digital I/O.
Analog Input 4.
Input Capture Pin 3.
Quadrature Encoder Interface Channel B input pin.
RA5/AN5/LVDIN
RA5
AN5
LVDIN
724
24
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog Input 5.
Low-Voltage Detect input.
TABLE 1-3:
PIC18F4331/4431 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP TQFP QFN
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
Note 1:
RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin
for SCK/SCL; RC7 is the alternate pin for SDO.
2:
RD4 is the alternate pin for FLTA.
3:
RD5 is the alternate pin for PWM4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com