Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/P Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC18LF4331-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/P Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC18LF4331-E/P Datasheet HTML 118Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 119Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 120Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 121Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 122Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 123Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 124Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 125Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 122
 2010 Microchip Technology Inc.
11.4
PORTD, TRISD and LATD
Registers
PORTD is an 8-bit wide, bidirectional port. The
corresponding Data Direction register is TRISD.
Setting a TRISD bit (= 1) will make the corresponding
PORTD pin an input (i.e., put the corresponding output
driver in a high-impedance mode). Clearing a TRISD
bit (= 0) will make the corresponding PORTD pin an
output (i.e., put the contents of the output latch on the
selected pin).
The Data Latch register (LATD) is also memory
mapped. Read-modify-write operations on the LATD
register read and write the latched output value for
PORTD.
All pins on PORTD are implemented with Schmitt
Trigger input buffers. Each pin is individually
configurable as an input or output.
PORTD includes PWM<7:6> complementary fourth
channel PWM outputs. PWM4 is the complementary
output of PWM5 (the third channel), which is multi-
plexed with the RB5 pin. This output can be used as the
alternate output using the PWM4MX Configuration bit
in CONFIG3H when the Single-Supply Programming
pin (PGM) is used on RB5.
RD1, RD2 and RD3 can be used as the alternate out-
put for SDO, SDI/SDA and SCK/SCL using the SSPMX
Configuration bit in CONFIG3H.
RD4 an be used as the alternate output for FLTA using
the FLTAMX Configuration bit in CONFIG3H.
EXAMPLE 11-4:
INITIALIZING PORTD
Note:
PORTD is only available on PIC18F4331/
4431 devices.
Note:
On a Power-on Reset, these pins are
configured as digital inputs.
CLRF
PORTD
; Initialize PORTD by
; clearing output
; data latches
CLRF
LATD
; Alternate method
; to clear output
; data latches
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISD
; Set RD<3:0> as inputs
; RD<5:4> as outputs
; RD<7:6> as inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com