Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/ML Datasheet(PDF) 375 Page - Microchip Technology

Part # PIC18LF4331-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/ML Datasheet(HTML) 375 Page - Microchip Technology

Back Button PIC18LF4331-E/ML Datasheet HTML 371Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 372Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 373Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 374Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 375Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 376Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 377Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 378Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 379Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 375
PIC18F2331/2431/4331/4431
APPENDIX A:
REVISION HISTORY
Revision A (June 2003)
Original data sheet for PIC18F2331/2431/4331/4431
devices.
Revision B (December 2003)
The Electrical Specifications in Section 26.0 “Electri-
cal Characteristics”
have been updated and there
have been minor corrections to the data sheet text.
Revision C (June 2007)
The data sheet has been updated with all known Data
Sheet Errata items and there have been minor
corrections made to the data sheet text. Also, the
packaging
diagrams
have
been
updated
in
Section 27.0 “Packaging Information”
.
Revision D (September 2010)
Section 2.0 “Guidelines for Getting Started with
PIC18F Microcontrollers”
has been updated with
more detailed explanations. Changes have been made
to the port summary tables in Section 11.0 “I/O
Ports”
. Section 26.0 “Electrical Characteristics”
has been updated to include extended temperature
data. Packaging diagrams have been replaced with
new
diagrams
in
Section 27.0
“Packaging
Information”
. There have been minor text edits
throughout the document.
APPENDIX B:
DEVICE
DIFFERENCES
The differences between the devices listed in this data
sheet are shown in Table B-1.
TABLE B-1:
DEVICE DIFFERENCES
Features
PIC18F2331
PIC18F2431
PIC18F4331
PIC18F4431
Program Memory (Bytes)
4096
8192
4096
8192
Program Memory (Instructions)
2048
4096
2048
4096
Interrupt Sources
22
22
34
34
I/O Ports
Ports A, B, C, D, E Ports A, B, C, D, E Ports A, B, C, D, E Ports A, B, C, D, E
Capture/Compare/PWM Modules
2
2
2
2
Enhanced Capture/Compare/
PWM Modules
11
1
1
10-Bit Analog-to-Digital Module
5 Input Channels
5 Input Channels
9 Input Channels
9 Input Channels
Packages
28-Pin SPDIP
28-Pin SOIC
28-Pin QFN
28-Pin SPDIP
28-Pin SOIC
28-Pin QFN
40-Pin PDIP
44-Pin TQFP
44-Pin QFN
40-Pin PDIP
44-Pin TQFP
44-Pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com