Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BC846
Description  NPN general purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BC846 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BC846 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BC846 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. BC846 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd. BC846 Datasheet HTML 4Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN
general purpose Transistor
BC846/847/848
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol Test conditions
MIN
TYP MAX
UNIT
Collector-base breakdown voltage BC846
BC847
BC848
V(BR)CBO IC=10μA,IE=0
80
50
30
V
Collector-emitter breakdown voltage BC846
BC847
BC848
V(BR)CEO IC=10mA,IB=0
65
45
30
V
Emitter-base breakdown voltage
BC846
BC847
BC848
V(BR)EBO IE=10μA,IC=0
6
6
5
V
Collector cut-off current
BC846
BC847
BC848
ICBO
VCB=70V,IE=0
VCB=50V,IE=0
VCB=30V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
BC846A,847A,848A
BC846B,847B,848B
BC847C,848C
hFE
VCE=5V,IC=2mA
110
200
420
220
450
800
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=5mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB=5mA
1.1
V
Transition frequency
fT
VCE=5V, IC= 10mA
f=100MHz
100
MHz
Website: www.ps-pfs.com
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com