Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3S4BA-MU Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATSAM3S4BA-MU
Description  AT91 ARM Cortex M3-based Processor
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S4BA-MU Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATSAM3S4BA-MU Datasheet HTML 57Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 58Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 59Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 60Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 61Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 62Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 63Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 64Page - ATMEL Corporation ATSAM3S4BA-MU Datasheet HTML 65Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
62
6500AS–ATARM–11-Dec-09
SAM3S Summary
14. Ordering Information
Table 14-1.
Ordering Code
MRL
Flash
(Kbytes)
Package (Kbytes)
Package Type
Temperature
Operating Range
ATSAM3S4CA-AU
A
256
QFP100
Green
Industrial
-40°C to 85°C
ATSAM3S4CA-CU
A
256
BGA100
Green
Industrial
-40°C to 85°C
ATSAM3S4BA-AU
A
256
QFP64
Green
Industrial
-40°C to 85°C
ATSAM3S4BA-MU
A
256
QFN64
Green
Industrial
-40°C to 85°C
ATSAM3S4AA-AU
A
256
QFP48
Green
Industrial
-40°C to 85°C
ATSAM3S4AA-MU
A
256
QFN48
Green
Industrial
-40°C to 85°C
ATSAM3S2CA-AU
A
128
QFP100
Green
Industrial
-40°C to 85°C
ATSAM3S2CA-CU
A
128
BGA100
Green
Industrial
-40°C to 85°C
ATSAM3S2BA-AU
A
128
QFP64
Green
Industrial
-40°C to 85°C
ATSAM3S2BA-MU
A
128
QFN64
Green
Industrial
-40°C to 85°C
ATSAM3S2AA-AU
A
128
QFP48
Green
Industrial
-40°C to 85°C
ATSAM3S2AA-MU
A
128
QFN48
Green
Industrial
-40°C to 85°C
ATSAM3S1CA-AU
A
64
QFP100
Green
Industrial
-40°C to 85°C
ATSAM3S1CA-CU
A
64
BGA100
Green
Industrial
-40°C to 85°C
ATSAM3S1BA-AU
A
64
QFP64
Green
Industrial
-40°C to 85°C
ATSAM3S1BA-MU
A
64
QFN64
Green
Industrial
-40°C to 85°C
ATSAM3S1AA-AU
A
64
QFP48
Green
Industrial
-40°C to 85°C
ATSAM3S1AA-MU
A
64
QFN48
Green
Industrial
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com