Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61252 Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TPS61252
Description  TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPS61252 Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TPS61252 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
V
100mV/div; 4.77V offset
OUT
Inductor Current
0.5A/div; 1.5A offset
Output Current @ 1
500mV/div
Time = 500 s/div
V = 3.6 V, I
= 1.0 A
IN
LIM
Time = 100 s/div
V
2.0V/div; -2V offset
OUT
Inductor Current
0.5A/div; 0.5A offset
Voltage @ SW pin
2.0V/div; 8V offset
V = 3.6 V, I
= 0.5 A
IN
LIM
Time = 100 s/div
V
2.0V/div; -2V offset
OUT
Inductor Current
0.5A/div; 0.5A offset
Voltage @ SW pin
2.0V/div; 8V offset
V = 3.6 V, I
= 1.0 A
IN
LIM
V
2.0V/div; -2V offset
OUT
Inductor Current
0.5A/div; 0.5A offset
Voltage @ SW pin
2.0V/div; 8V offset
Time = 100 s/div
V = 3.6 V, I
= 1.0 A
IN
LIM
TPS61252
www.ti.com
SLVSAG3 – SEPTEMBER 2010
LOAD TRANSIENT RESPONSE ILIM = 1000 mA (50 to 550
mA)
STARTUP AFTER ENABLE ILIM = 500mA, NO LOAD
Figure 7.
Figure 8.
STARTUP AFTER ENABLE ILIM = 1000mA, NO LOAD
STARTUP AFTER ENABLE ILIM = 1000mA, 500 mA LOAD
Figure 9.
Figure 10.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS61252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com