Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB9-USB-M Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # DB9-USB-M
Description  DB9-USB-RS232 Module Male & Female
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

DB9-USB-M Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button DB9-USB-M Datasheet HTML 19Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 20Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 21Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 22Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 23Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 24Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 25Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 26Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 27Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Copyright © 2010 Future Technology Devices International Limited
24
Document Reference No.: FT_000204
DB9-USB-RS232 Datasheet
Version 1.2
Clearance No.: FTDI# 130
Appendix B – DCE and DTE Wire Configurations
This section is included for reference when designing a PCB for a DB9-USB-RS232 module; here some of
the subtle details of DTE and DCE wire configurations will be outlined.
B.1 Wire Configuration for the Male and Female Modules
When designing a PCB for the DB9-USB-RS232 module consideration should be given to Data Terminal
Equipment (DTE) and Data Communication Equipment (DCE) connection standards. The DB9-USB-RS232
modules are designed as a DTE device. When a DTE devices is being connected to the DB9-USB-RS232 a
“null-modem” wiring is used, when the DB9-USB-RS232 is connected to a DCE a “straight through” wiring
is used. The expressions “null-modem” and “straight through” are explained in the next subsection.
The male DB9-USB-RS232-M module is designed to replace a male DB9 connector of a DTE device
(according to TIA standards Male DB9 connectors are to be used only with wiring DTE to UART). The
female DB9-USB-RS232-F module is designed to replace a female DB9 connector of a DCE device
(according to TIA standards Female DB9 connectors are to be used only with wiring DCE to UART).
B.1.1 RS232 Wiring
RS232 cables have followed a standard 9-pin configuration on a D-sub connector since the mid 1980s.
The DB9-USB-RS232-M modules are DTE devices. To connect a DB9-USB-RS232 module to a DCE device,
a “straight-through” wiring scheme, as described in Table B.1, needs to be used.
DTE Pin Number
Signal Name
DCE Pin Number
1
DCD = Data Carrier Detect
1
2
RXD = Receive Data
2
3
TXD = Transmit Data
3
4
DTR = Data Terminal Ready
4
5
GND = RS232 signal ground
5
6
DSR = Data Set Ready
6
7
RTS = Request To Send
7
8
CTS = Clear To Send
8
9
RI = Ring Indicator
9
Table B.1 – RS232 DTE to DCE connection with straight-through wiring
To connect a DB9-USB-RS232 module to a DCE device, a “null-modem” wiring scheme, as described in
Table B.2 needs to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com