Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA8451QT Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MMA8451QT
Description  3-Axis, 14-bit/8-bit Digital Accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451QT Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MMA8451QT Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8451QT Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Sensors
Freescale Semiconductor
39
MMA8451Q
6.6
Single, Double and Directional Tap Detection Registers
For more details of how to configure the tap detection and sample code please refer to Freescale application note, AN4072.
The tap detection registers are referred to as “Pulse”.
0x21: PULSE_CFG Pulse Configuration Register
This register configures the event flag for the tap detection for enabling/disabling the detection of a single and double pulse
on each of the axes.
0x22: PULSE_SRC Pulse Source Register
This register indicates a double or single pulse event has occurred and also which direction. The corresponding axis and event
must be enabled in Register 0x21 for the event to be seen in the source register.
When the EA bit gets set while ELE = 1, all status bits (AxZ, AxY, AxZ, DPE, and PolX, PolY, PolZ) are frozen. Reading the
PULSE_SRC register clears all bits. Reading the source register will clear the interrupt.
0x21 PULSE_CFG Register (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DPA
ELE
ZDPEFE
ZSPEFE
YDPEFE
YSPEFE
XDPEFE
XSPEFE
Table 43. PULSE_CFG Description
DPA
Double Pulse Abort. Default value: 0.
0: Double Pulse detection is not aborted if the start of a pulse is detected during the time period specified by the PULSE_LTCY register.
1: Setting the DPA bit momentarily suspends the double tap detection if the start of a pulse is detected during the time period specified
by the PULSE_LTCY register and the pulse ends before the end of the time period specified by the PULSE_LTCY register.
ELE
Pulse event flags are latched into the PULSE_SRC register. Reading of the PULSE_SRC register clears the event flag.
Default value: 0.
0: Event flag latch disabled; 1: Event flag latch enabled
ZDPEFE
Event flag enable on double pulse event on Z-axis. Default value: 0.
0: Event detection disabled; 1: Event detection enabled
ZSPEFE
Event flag enable on single pulse event on Z-axis. Default value: 0.
0: Event detection disabled; 1: Event detection enabled
YDPEFE
Event flag enable on double pulse event on Y-axis. Default value: 0.
0: Event detection disabled; 1: Event detection enabled
YSPEFE
Event flag enable on single pulse event on Y-axis. Default value: 0.
0: Event detection disabled; 1: Event detection enabled
XDPEFE
Event flag enable on double pulse event on X-axis. Default value: 0.
0: Event detection disabled; 1: Event detection enabled
XSPEFE
Event flag enable on single pulse event on X-axis. Default value: 0.
0: Event detection disabled; 1: Event detection enabled
0x22 PULSE_SRC Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EA
AxZ
AxY
AxX
DPE
PolZ
PolY
PolX
Table 44. PULSE_SRC Description
EA
Event Active Flag. Default value: 0.
(0: No interrupt has been generated; 1: One or more interrupt events have been generated)
AxZ
Z-axis event. Default value: 0.
(0: No interrupt; 1: Z-axis event has occurred)
AxY
Y-axis event. Default value: 0.
(0: No interrupt; 1: Y-axis event has occurred)
AxX
X-axis event. Default value: 0.
(0: No interrupt; 1: X-axis event has occurred)
DPE
Double pulse on first event. Default value: 0.
(0: Single Pulse Event triggered interrupt; 1: Double Pulse Event triggered interrupt)
PolZ
Pulse polarity of Z-axis Event. Default value: 0.
(0: Pulse Event that triggered interrupt was Positive; 1: Pulse Event that triggered interrupt was negative)
PolY
Pulse polarity of Y-axis Event. Default value: 0.
(0: Pulse Event that triggered interrupt was Positive; 1: Pulse Event that triggered interrupt was negative)
PolX
Pulse polarity of X-axis Event. Default value: 0.
(0: Pulse Event that triggered interrupt was Positive; 1: Pulse Event that triggered interrupt was negative)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com