Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL-LX5093UVC Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX5093UVC
Description  T-5mm 400mm ULTRA VIOLET LED, WATER CLEAR LENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX5093UVC Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX5093UVC Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSL-LX5093UVC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5093UEGC LUMEX-SSL-LX5093UEGC Datasheet
69Kb / 1P
QUASARBRITE T-5mm 500mm ULTRA EMERALD GREEN LED
SSL-LX5093UPGC LUMEX-SSL-LX5093UPGC Datasheet
67Kb / 1P
QUASARBRITE T-5mm 520nm ULTRA PURE GREEN LED
SSL-LX5093UPGC-C LUMEX-SSL-LX5093UPGC-C Datasheet
67Kb / 1P
QUASARBRITE T-5mm 520mm ULTRA PURE GREEN LED
SSL-LX5093UPGC-D LUMEX-SSL-LX5093UPGC-D Datasheet
67Kb / 1P
QUASARBRITE T-5mm 520mm ULTRA PURE GREEN LED
SSL-LX5093UPGC-G LUMEX-SSL-LX5093UPGC-G Datasheet
66Kb / 1P
QUASARBRITE T-5mm 520mm ULTRA PURE GREEN LED
More results

Similar Description - SSL-LX5093UVC

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503MBL1-45Q MARKTECH-LC503MBL1-45Q Datasheet
83Kb / 3P
Blue 45 5mm LED lamp with Water Clear lens.
logo
List of Unclassifed Man...
OED-EL-1L2 ETC1-OED-EL-1L2 Datasheet
55Kb / 1P
t-5mm, 940nm INFRARED EMITTING DIODE, WATER CLEAR LENS
logo
LUMEX INC.
OED-CL5093C30+A LUMEX-OED-CL5093C30+A Datasheet
55Kb / 1P
T-5mm, 850mm INFRARED LED, WATER CLEAR LENS
SSL-LX5093SUVC LUMEX-SSL-LX5093SUVC Datasheet
95Kb / 2P
T-5mm (T-1) 380mm SUPER ULTRA VIOLET LED, WATER CLEAR LENS
SSL-LX100133XUWC LUMEX-SSL-LX100133XUWC Datasheet
59Kb / 1P
T-10mm SUPER WHITE LED, WATER CLEAR LENS
SSL-LX5093UWC-A LUMEX-SSL-LX5093UWC-A Datasheet
402Kb / 1P
5.8W*8.6H, QUASARBRITE T-5mm (T-1 3/4), WHITE LED, WATER CLEAR LENS.
SSL-LX5099SISYSUGC LUMEX-SSL-LX5099SISYSUGC Datasheet
60Kb / 1P
T-5mm LED, 6 LEADED Multi COLORED WATER CLEAR LENS
SSL-LX5099YGC LUMEX-SSL-LX5099YGC Datasheet
88Kb / 1P
T-5mm 585mm YELLOW BICOLOR LED WATER CLEAR LENS
SSL-LX5093SBC LUMEX-SSL-LX5093SBC Datasheet
70Kb / 1P
QUASARBRITE T-5mm 430nm BLUE LED , WATER CLEAR LENS
SSL-LX5093UWC LUMEX-SSL-LX5093UWC Datasheet
402Kb / 1P
5.8W*8.6H, QUASARBRITE T-5mm (T-1 3/4), WHITE LED, WATER CLEAR LENS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com