Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHV2805DFES Datasheet(PDF) 8 Page - International Rectifier

Part # AHV2805DFES
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHV2805DFES Datasheet(HTML) 8 Page - International Rectifier

  AHV2805DFES Datasheet HTML 1Page - International Rectifier AHV2805DFES Datasheet HTML 2Page - International Rectifier AHV2805DFES Datasheet HTML 3Page - International Rectifier AHV2805DFES Datasheet HTML 4Page - International Rectifier AHV2805DFES Datasheet HTML 5Page - International Rectifier AHV2805DFES Datasheet HTML 6Page - International Rectifier AHV2805DFES Datasheet HTML 7Page - International Rectifier AHV2805DFES Datasheet HTML 8Page - International Rectifier AHV2805DFES Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.irf.com
AHV28XX Series
Pin Designation
Mechnical Outlines
Single and Dual Output Model
0.040 D X
0.26 L Pins
2.560
1.110
2.880
Max
4 X 0.400
=1.600
2.110
Max
0.405
Max
0.050
Typical
0.800
Ø 0.162
2 Holes
Typical
Triple Output Model
1.000
1.95
0.410
Max
2.700
Max
2.360
1.345
* Output Adjust (Single Output Models Only)
Pin #
Single Output
Dual Output
Triple Output
1
+ Input
+ Input
+ Input
2
Enable Input
Enable Input
+ 5VDC Output
3
Output Adjust *
+ Output
Output Return
4
Output Return
Output Return
- Dual Output (12/15VDC)
5
+ Output
- Output
+ Dual Output (12/15VDC)
6NC
NC
NC
7
NC
NC
Case Ground
8
Case Ground
Case Ground
Enable Input
9NC
NC
NC
10
Input Return
Input Return
Input Return



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com