Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMH461 Datasheet(PDF) 2 Page - International Rectifier

Part # AMH461
Description  EMI FILTER HYBRID / HIGH RELIABILITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMH461 Datasheet(HTML) 2 Page - International Rectifier

  AMH461 Datasheet HTML 1Page - International Rectifier AMH461 Datasheet HTML 2Page - International Rectifier AMH461 Datasheet HTML 3Page - International Rectifier AMH461 Datasheet HTML 4Page - International Rectifier AMH461 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
AMH461 Series
Specifications
Electrical Characteristics -55°C ≤ TCASE ≤ +125°C, 0 ≤ VIN ≤ +50 unless otherwise specified
Notes to Specifications
1.
Operation above maximum ratings may cause permanent damage to the device. Operation at maximum ratings may degrade
performance and affect reliability.
2.
Device can tolerate ± 100 Volt transient whose duration is
≤ 100 ms when R
S ≥ 0.5 Ω.
3.
Derate Output Current linearly from 100% at 125°C to 0 at 135°C.
4.
DC resistance is the total resistance of the device and includes the sum of the input to output resistance and the return in to return
out resistance paths.
ABSOLUTE MAXIMUM RATINGS Note 1
Input Voltage
-80V to +80V Note 2
Input Current
2.0 A
Power Dissipation
2.0 W
Lead Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating
-55°C to +125°C
Storage
-65°C to +135°C
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
1, 2, 3
IIN ≤ 500µ A
0
+40
INPUT VOLTAGE
Transient Note 2
-50
+50
VDC
OUTPUT CURRENT Note 3
2.0
ADC
DC RESISTANCE Note 4
1
TC = 25°C
150
250
m
POWER DISSIPATION
Maximum Current
TC = 25°C
1.0
W
NOISE REDUCTION
4, 5, 6
TC = 25°C
1KHz
200 KHz - 500 KHz
500 KHz - 10 MHz
-1.0
40
60
+1.0
50
80
dB
ISOLATION
1
Any Pin to Case
Tested @ 500VDC
100
M
CAPACITANCE
1, 2, 3
Measured Between Any Pin and Case
30
44
46
nF
DEVICE WEIGHT
Slight Variations with Case Style
30
g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com