Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32686A Datasheet(PDF) 2 Page - EPCOS

Part # B32686A
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32686A Datasheet(HTML) 2 Page - EPCOS

  B32686A Datasheet HTML 1Page - EPCOS B32686A Datasheet HTML 2Page - EPCOS B32686A Datasheet HTML 3Page - EPCOS B32686A Datasheet HTML 4Page - EPCOS B32686A Datasheet HTML 5Page - EPCOS B32686A Datasheet HTML 6Page - EPCOS B32686A Datasheet HTML 7Page - EPCOS B32686A Datasheet HTML 8Page - EPCOS B32686A Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Typical applications
Smoothing
Snubbering
High-frequency AC loads
Climatic
Max. operating temperature: 110
°C
Climatic category (IEC 60068-1): 55/100/56
Construction
Dielectric: polypropylene (PP)
Film metallized on one side and
metal foils internally connected in series
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Very high pulse strength
Highest possible contact reliability
Self-healing properties
Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request
Marking
Manufacturer's logo,
series number,
style (MFP),
rated capacitance,
capacitance tolerance (code letter),
rated DC voltage,
date of manufacture (coded)
Delivery mode
Bulk (untaped)
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
37.5
1.0
B32686A
Metallized polypropylene film capacitors (MFP)
B32686A
Very high pulse (wound)
Page 2 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com