Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7705GPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7705GPBF
Description  HEXFET짰 Power MOSFET Ultra Low On-Resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7705GPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7705GPBF Datasheet HTML 1Page - International Rectifier IRF7705GPBF Datasheet HTML 2Page - International Rectifier IRF7705GPBF Datasheet HTML 3Page - International Rectifier IRF7705GPBF Datasheet HTML 4Page - International Rectifier IRF7705GPBF Datasheet HTML 5Page - International Rectifier IRF7705GPBF Datasheet HTML 6Page - International Rectifier IRF7705GPBF Datasheet HTML 7Page - International Rectifier IRF7705GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7705GPbF
6
www.irf.com
Fig 13. Typical On-Resistance Vs.
Drain Current
Fig 12. Typical On-Resistance Vs.
Gate Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
10 V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-VGS, Gate -to -Source Voltage (V)
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
ID = -8.0A
0
102030
4050
-ID , Drain Current ( A )
0.00
0.02
0.04
0.06
VGS = -4.5V
VGS = -10V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com