Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7755GPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7755GPBF
Description  HEXFET짰 Power MOSFET Ultra Low On-Resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7755GPBF Datasheet(HTML) 7 Page - International Rectifier

  IRF7755GPBF Datasheet HTML 1Page - International Rectifier IRF7755GPBF Datasheet HTML 2Page - International Rectifier IRF7755GPBF Datasheet HTML 3Page - International Rectifier IRF7755GPBF Datasheet HTML 4Page - International Rectifier IRF7755GPBF Datasheet HTML 5Page - International Rectifier IRF7755GPBF Datasheet HTML 6Page - International Rectifier IRF7755GPBF Datasheet HTML 7Page - International Rectifier IRF7755GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7755GPbF
www.irf.com
7
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/

H6SF
DI9@Y
qqq
8 6 7
7PUCÃTD9@T
'ÃTVSA
9
@
@
$
$
7
%
%
6!
6
'YÃi
6
"Y
r

!Y
r!
'YÃG
G
&
'YÃp
ppp
!
&'
qqq
#
(
'
$

%$Ã7T8
%#Ã7T8




!
 $
$
!
HDGGDH@U@ST
HDI
r
@
@
9
G
6
6
6!
p
H
P
7
T
`
HDI
H6Y
IPH
IPH
H6Y
#&!


"(

"!
"%

!
#
&'
$(
!$%
!$ Ã7T8
HP $"66Ã9DH@ITDPIT
DI8C@T
i (
"

&$

 '
iii
 
"(
ppp
$
 (
!$Ã7T8
G
G
#$
&$
%
 &'
 Ã7T8
!"%
!(
hhh
 
"(
ƒ
'ƒ

'ƒ
ƒ
!(
"
" 
 $
 '
 !!
#$
##
#"
 &
 &"
 &&

@!
hhh 8
8
iii
8 6 7
C
TSSOP8 Package Outline
Dimensions are shown in milimeters (inches)
IPU@T
ÃÃ9DH@ITDPIDIBÃ6I9ÃUPG@S6I8DIBÃQ@SÃ6TH@Ã` #$H ((#
#ÃÃÃ96UVHÃQG6I@ÃCÃDTÃGP86U@9Ã6TÃTCPXI
$ÃÃÃ96UVHÃ6Ã6I9Ã7ÃUPÃ7@Ã9@U@SHDI@9Ã6UÃ96UVHÃQG6I@ÃC
%ÃÃÃ9DH@ITDPITÃ9Ã6I9Ã@ Ã6S@ÃH@6TVS@9Ã6UÃ96UVHÃQG6I@ÃC
!ÃÃ9DH@ITDPITÃ6S@ÃTCPXIÃDIÃHDGGDH@U@STÃ6I9ÃDI8C@T
"ÃÃ8PIUSPGGDIBÃ9DH@ITDPI)ÃHDGGDH@U@S
&ÃÃÃ9DH@ITDPIÃGÃDTÃUC@ÃG@69ÃG@IBUCÃAPSÃTPG9@SDIBÃUPÃ6ÃTV7TUS6U@
'ÃÃPVUGDI@Ã8PIAPSHTÃUPÃE@9@8ÃPVUGDI@ÃH $"66
9
T
T
B
9
9
T
T
B
T
T
9
T!
T!
9!
B!
9D@
9V6G
TDIBG@
9D@
#
"
!
G@69Ã6TTDBIH@IUT
'
&
%
$
!
"
#
'
&
%
$



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com