Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINICELL Datasheet(PDF) 5 Page - EPCOS

Part # MINICELL
Description  Pressure sensors Media-separated pressure transmitters (voltage output)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

MINICELL Datasheet(HTML) 5 Page - EPCOS

  MINICELL Datasheet HTML 1Page - EPCOS MINICELL Datasheet HTML 2Page - EPCOS MINICELL Datasheet HTML 3Page - EPCOS MINICELL Datasheet HTML 4Page - EPCOS MINICELL Datasheet HTML 5Page - EPCOS MINICELL Datasheet HTML 6Page - EPCOS MINICELL Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pressure sensors
Media-separated pressure transmitters (voltage output)
MiniCell series
Preliminary data
AS SEN PD TD
2010-05-08
Please read Cautions and warnings and
Page 5 of 7
Important notes at the end of this document.
Symbols and terms
1)
Storage temperature range Tst
A storage of the pressure sensor within the temperature range Tst,min up to Tst,max
and without applied pressure and supply voltage will not affect the performance of the pressure sensor.
2)
Operating temperature range Ta
An operation of the pressure sensor within the temperature range Ta,min up to Ta,max
will not affect the performance of the pressure sensor.
3)
Compensated temperature range Tc
While operating the pressure sensor within the temperature range Tc,min up to Tc,max,
the deviation of the output signal from the values at 25 °C will not exceed the temperature coefficients.
Out of the compensated temperature range, the deviations may increase.
4)
Rated pressure pr
Within the rated pressure range 0 up to pr (symmetrical output: –pr up to +pr) the signal output characteristic corresponds
to this specification.
5)
Overpressure pOV
Pressure cycles within the pressure range 0 up to pov will not affect the performance of the pressure sensor.
6)
Supply voltage VCC
VCC,max is the maximum permissible supply voltage, which can be applied without damages.
VCC,min is the minimum required supply voltage, which has to be applied for normal operation.
7)
Signal output current IA
IA,max is the maximum permissible sink current of the signal output.
Exceeding (e.g. short circuit) may cause irreparable damages.
8)
DC break down voltage Vis
The pressure sensor withstands a high voltage between the stainless steel pressure connection and the electrical
connection VCC, VA and GND (all short circuited) without damage.
Offset VA0
The offset VA0 is the signal output VA(p = 0) at zero pressure. The value is related to the supply voltage VCC.
Simple output:
VA0 = 0.1 VCC
Symmetrical output:
VA0 = 0.5 VCC
9)
Signal span (Full Scale)
The value is related to the supply voltage VCC.
Simple output:
VFS = FS = VA(pr) – VA0 = 0.8 VCC
Symmetrical output:
VFS = FS = VA(+pr) – VA(–pr) = 0.8 VCC
10) Non-linearity L (including pressure hysteresis)
The non-linearity is the deviation of the real sensor characteristic VA = f(p) from the ideal straight line.
It can be approximated by a polynomial of second order, with the maximum at px = pr / 2 .
The equation to calculate the non-linearity is:
r
x
0
A
r
A
0
A
x
A
p
p
V
)
p
(
V
V
)
p
(
V
L
=
11) Response time t
10-90
Delay between a pressure change (10 ... 90% pr) and the corresponding signal output change (10 ... 90% FS).
12) Supply voltage rejection SVR
While varying the supply voltage within the range VCC,min up to VCC,max at constant pressure and temperature,
the signal output change will not exceed SVRmax.
13) Total measuring error E
T
The total measuring error includes nonlinearity, pressure hysteresis, temperature hysteresis, and signal noise. It
describes the deviation of the signal to the nominal output signal.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com