Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4612HSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4612HSTRT
Description  40V Synchronous Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC4612HSTRT Datasheet HTML 1Page - Semtech Corporation SC4612HSTRT Datasheet HTML 2Page - Semtech Corporation SC4612HSTRT Datasheet HTML 3Page - Semtech Corporation SC4612HSTRT Datasheet HTML 4Page - Semtech Corporation SC4612HSTRT Datasheet HTML 5Page - Semtech Corporation SC4612HSTRT Datasheet HTML 6Page - Semtech Corporation SC4612HSTRT Datasheet HTML 7Page - Semtech Corporation SC4612HSTRT Datasheet HTML 8Page - Semtech Corporation SC4612HSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SC4612H
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Current Limit - Low Side R
DS(ON)
Current Limit Threshold Voltage
V
CL
00
mV
Error Amplifier
Feedback Voltage
V
FB
T
J=0 to +70
O
C
0.495
0.500
0.505
V
T
J=-40 to + 85
O
C
0.492
0.500
0.508
V
T
J=-40 to +25
O
C
0.488
0.500
0.52
V
Input Bias Current
I
FB
V
FB=0.5V
200
nA
Open Loop Gain()
60
dB
Unity Gain Bandwidth()
7
0
MHz
Output Sink Current
Open Loop; V
FB=0V
900
mA
Output Source Current
Open Loop; V
FB=0.6V
00
mA
Slew Rate()

V/ms
SS/EN
Disable Threshold Voltage
V
SS-DIS
500
mV
Soft Start Charge Current
I
SS
25
mA
Soft Start Discharge Current()
I
SSD

mA
Disable Low to Shut Down
50
ns
Hiccup
Hiccup Duty Cycle
CSS=0.uF; current limit condition

%
Gate Drive
Gate Drive On Resistance (H)(2)
I
SOURCE=00mA
3
4
W
Gate Drive On Resistance (H)(2)
I
SINK=00mA
3
4
W
DL/DH Source/Sink Peak Current(2)
C=2000pF
.4
.7
A
DL/DH Rise/Fall Time(2)
C=2000pF
20
ns
Minimum Non-Overlap()
t
DEAD
30
ns
Minimum On Time(2)
t
ON-MIN
0
ns
Thermal Shutdown
Shutdown Temperature(2)
65
O
C
Thermal Shutdown Hysteresis (2)
5
O
C
Electrical Characteristics (continued)
NOTES:
() Guaranteed by design, not production tested.
(2) Guaranteed by characterization.
(2) This device is ESD sensitive, use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com