Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32620 Datasheet(PDF) 2 Page - EPCOS

Part # B32620
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32620 Datasheet(HTML) 2 Page - EPCOS

  B32620 Datasheet HTML 1Page - EPCOS B32620 Datasheet HTML 2Page - EPCOS B32620 Datasheet HTML 3Page - EPCOS B32620 Datasheet HTML 4Page - EPCOS B32620 Datasheet HTML 5Page - EPCOS B32620 Datasheet HTML 6Page - EPCOS B32620 Datasheet HTML 7Page - EPCOS B32620 Datasheet HTML 8Page - EPCOS B32620 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Typical applications
Compact fluorescent lamps (CFL)
SMPS
Climatic
Max. operating temperature: 105
°C
Climatic category (IEC 60068-1): 55/100/56
Construction
Dielectric: polypropylene (PP)
Stacked-film technology
Plastic case (UL 94 V-0)
Epoxy resin sealing
Features
Very high pulse strength
Very good self-healing properties
Smallest possible dimensions
High contact reliability
Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request
Marking
Manufacturer's logo,
rated capacitance (coded),
cap. tolerance (code letter), rated voltage,
date of manufacture (coded),
for lead spacing 7.5 mm: style (MKP),
for lead spacing 10 mm: lot number, series number (621)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
1) 0.5 mm for capacitor width w = 4 mm
7.5
0.5
B32620
10.0
0.61)
B32621
Metallized polypropylene film capacitors (MKP)
B32620 ... B32621
High pulse (stacked)
Page 2 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com