Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97635 Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL97635
Description  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL97635 Datasheet HTML 8Page - Intersil Corporation ISL97635 Datasheet HTML 9Page - Intersil Corporation ISL97635 Datasheet HTML 10Page - Intersil Corporation ISL97635 Datasheet HTML 11Page - Intersil Corporation ISL97635 Datasheet HTML 12Page - Intersil Corporation ISL97635 Datasheet HTML 13Page - Intersil Corporation ISL97635 Datasheet HTML 14Page - Intersil Corporation ISL97635 Datasheet HTML 15Page - Intersil Corporation ISL97635 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
FN6434.2
December 22, 2008
MAXIMUM DC CURRENT SETTING
The initial brightness should be set by choosing an
appropriate value for RSET. This should be chosen to fix the
maximum possible LED current, as shown in Equation 1:
DC CURRENT ADJUSTMENT
Once RSET is fixed, the LED DC current can be adjusted
through Register 0x07 (BRTDC), as shown in Equation 2:
BRTDC can be programmed from 0 to 255 in decimal and
defaults to 255 (0xFF). If left at the default value, LED
current will be fixed at ILEDmax. BRTDC can be adjusted
dynamically on the fly during operation. BRTDC = 0
disconnects all channels and ILED is guaranteed to be <10µA
at this state.
For example, if the maximum required LED current (ILEDmax)
is 20mA, rearranging Equation 1 yields Equation 3:
If BRTDC is set to 200 then:
PWM CONTROL
The ISL97635 provides four different PWM dimming
methods, as described in the following. Each of these
methods results in PWM chopping of the current in the LEDs
for all 8 channels to provide an average LED current. During
the On periods, the LED current will be defined by the value
of RSET and BRTDC, as described in Equations 1 and 2. The
source of the PWM signal can be described as follows:
1. Internally generated 256 step duty cycle programmed
through the SMBus.
2. External signal from PWMI.
3. DPST mode. Internally generated signal with a duty cycle
defined by the product of the external PWMI and SMBus
programmed PWM at the internal setting frequency.
4. DC-to-PWM control.
The default PWM dimming is in DPST mode. In all four
methods, the average LED current of each channel is
controlled by ILED and the PWM duty cycle in percent, as
shown in Equation 5:
Method 1 (Internal Mode, SMBus controlled PWM)
The average LED current of each channel is controlled by the
internally generated PWM signal, as shown in Equation 6:
where BRT is the PWM brightness level programmed in the
Register 0x00. BRT ranges from 0 to 255 in decimal and
defaults to 255 (0xFF). BRT = 0 disconnects all channels
and ILED is guaranteed to be <10µA in this state.
To use only the SMBus controlled PWM brightness control,
users need to set Register0x01 to 0x05 with EN/PWMI in
logic high.
The SMBus controlled PWM frequency is adjusted by a
capacitor at the FPWM pin, which will be described in “PWM
Dimming Frequency Adjustment” on page 13.
Method 2 (External Mode)
The average LED current of each channel can also be
controlled by an external PWMI signal, as shown in Equation 7:
The PWM dimming frequency can be for example 20kHz but
there are a minimum on and off time requirements such that
the dimming will be in the range of 10% to 99.5%. If the
dimming frequency is below 5kHz, the dimming range can
be 1% to 99.5%. The PWM dimming off time cannot be
longer than 28ms or else the driver will enter shutdown.
To use PWMI only brightness control, users need to set
Register 0x01 to 0x03.
Method 3 (DPST Mode)
The average LED current of each channel can also be
controlled by the product of the SMBus controlled PWM and
the external PWMI signals as:
Where:
Therefore:
Where BRT is the value held in Register 0x00 (default
setting 0xFF) controlled by SMBus and PWMI is the duty
cycle of the incoming PWMI signal. In this way, the users can
change the PWM current in ratiometric manner to achieve
DPST compliance backlight dimming.
To use the DPST mode, users need to set Register 0x01 to
0x01 with external PWM signal.
The DPST mode PWM frequency is adjusted by a capacitor at
the FPWM pin. A CPWMO capacitor, is also needed in the
I
LEDmax
733
R
SET
---------------
=
(EQ. 1)
I
LED
2.87
BRTDC R
SET
⁄
×
=
(EQ. 2)
R
SET
733 0.02
⁄
36.6k
Ω
==
(EQ. 3)
I
LED
2.87
200 36600
15.4mA
=
⁄
•
=
(EQ. 4)
I
LED ave
()
I
LED
PWM
×
=
(EQ. 5)
I
LED ave
()
I
LED
BRT 255
⁄
()
×
=
(EQ. 6)
I
LED ave
()
I
LED
PWMI
×
=
(EQ. 7)
I
LED ave
()
I
LEDxPWMDPST
=
(EQ. 8)
PWM
DPST
BRT 255
⁄
PWMI
×
=
(EQ. 9)
I
LED ave
()
I
LED
BRT 255
⁄
×
PWMI
×
=
(EQ. 10)
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com