Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32521C0105 Datasheet(PDF) 21 Page - EPCOS

Part # B32521C0105
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32521C0105 Datasheet(HTML) 21 Page - EPCOS

Back Button B32521C0105 Datasheet HTML 17Page - EPCOS B32521C0105 Datasheet HTML 18Page - EPCOS B32521C0105 Datasheet HTML 19Page - EPCOS B32521C0105 Datasheet HTML 20Page - EPCOS B32521C0105 Datasheet HTML 21Page - EPCOS B32521C0105 Datasheet HTML 22Page - EPCOS B32521C0105 Datasheet HTML 23Page - EPCOS B32521C0105 Datasheet HTML 24Page - EPCOS B32521C0105 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Technical data
Operating temperature range
Max. operating temperature Top,max
+125
°C
Upper category temperature Tmax
+125
°C
Lower category temperature Tmin
55
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ (in 10-3) at
CR
≤ 0.1 µF
0.1
µF < C
R
≤ 1 µF C
R > 1
µF
at 20
°C
1 kHz 8
8
10
(upper limit values)
10 kHz 15
15
100 kHz 30
Insulation resistance Rins
VR
CR
≤ 0.33 µF
CR > 0.33
µF
or time constant
τ = C
R
Rins
≤ 100 V DC 3750 MΩ
1250 s
at 20
°C, rel. humidity ≤ 65%
≥ 250 V DC 7500 MΩ
2500 s
(minimum as-delivered values)
DC test voltage
1.4
VR, 2 s
Category voltage VC
TA (
°C)
DC voltage derating
AC voltage derating
(continuous operation with VDC
TA
≤ 85
VC = VR
VC,RMS = VRMS
or VAC at f
≤ 60 Hz)
85<TA
≤125 V
C = VR
(165 TA)/80
VC,RMS=VRMS (165 TA)/80
Operating voltage Vop for
TA (
°C)
DC voltage (max. hours) AC voltage (max. hours)
short operating periods
TA
≤ 100
Vop = 1.25 VC (2000 h) Vop = 1.0 VC,RMS (2000 h)
(VDC or VAC at f
≤ 60 Hz)
100<TA
≤125 V
op = 1.25
VC (1000 h) Vop = 1.0 VC,RMS (1000 h)
Damp heat test
56 days/40
°C/93% relative humidity
Limit values after damp
Capacitance change
∆C/C
≤ 5%
heat test
Dissipation factor change
∆ tan δ
≤ 5 10-3 (at 1 kHz)
Insulation resistance Rins
≥ 50% of minimum
or time constant
τ = C
R
Rins
as-delivered values
Reliability:
Failure rate
λ
1 fit (
≤ 1 10-9/h) at 0.5 V
R, 40
°C
Service life tSL
200 000 h at 1.0
VR, 85
°C
For conversion to other operating conditions and temperatures,
refer to chapter "Quality, 2 Reliability".
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
Capacitance change
∆C/C
> 10%
of parameters
Dissipation factor tan
δ
> 2
upper limit value
Insulation resistance Rins
< 150 M
Ω (C
R
≤ 0.33 µF)
or time constant
τ = C
R
Rins
< 50 s
(CR > 0.33
µF)
B32520 ... B32529
General purpose (stacked/wound)
Page 21 of 46
Please read Important notes
at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com