Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8172FSZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL8172FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8172FSZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL8172FSZ Datasheet HTML 3Page - Intersil Corporation EL8172FSZ Datasheet HTML 4Page - Intersil Corporation EL8172FSZ Datasheet HTML 5Page - Intersil Corporation EL8172FSZ Datasheet HTML 6Page - Intersil Corporation EL8172FSZ Datasheet HTML 7Page - Intersil Corporation EL8172FSZ Datasheet HTML 8Page - Intersil Corporation EL8172FSZ Datasheet HTML 9Page - Intersil Corporation EL8172FSZ Datasheet HTML 10Page - Intersil Corporation EL8172FSZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6293.5
July 27, 2009
FIGURE 19. EL8171 VOS vs TEMPERATURE, V+, V- = ±2.5V,
VIN = 0V
FIGURE 20. EL8172 VOS vs TEMPERATURE, V+, V- = ±2.5V,
VIN = 0V
FIGURE 21. EL8171 VOS vs TEMPERATURE, V+, V- = ±1.2V,
VIN = 0V
FIGURE 22. EL8172 VOS vs TEMPERATURE, V+, V- = ±1.2V,
VIN = 0V
FIGURE 23. EL8171 CMRR vs TEMPERATURE,
VCM = +2.5V TO -2.5V, V+, V- = ±2.5V
FIGURE 24. EL8172 CMRR vs TEMPERATURE,
VCM = +2.5V TO -2.5V, V+, V- = ±2.5V
Typical Performance Curves V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open, unless otherwise specified. (Continued)
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
MIN
MAX
MEDIAN
N = 1000
TEMPERATURE (°C)
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
-40
-20
0
20
40
60
80
100
120
MIN
MAX
MEDIAN
N = 1500
TEMPERATURE (°C)
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
MAX
N = 1000
TEMPERATURE (°C)
MEDIAN
MIN
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
0.9
-40
0
20
40
60
80
100
120
-20
MIN
MAX
MEDIAN
N = 1500
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
80
90
100
110
120
130
140
MIN
MAX
N = 1000
TEMPERATURE (°C)
MEDIAN
-40
-20
0
20
406080
100
120
80
90
100
110
120
130
140
MIN
MAX
N = 1500
TEMPERATURE (°C)
MEDIAN
EL8171, EL8172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com