Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1802ACD3 Datasheet(PDF) 13 Page - Intersil Corporation

Part # CDP1802ACD3
Description  High-Reliability CMOS 8-Bit Microprocessor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802ACD3 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CDP1802ACD3 Datasheet HTML 9Page - Intersil Corporation CDP1802ACD3 Datasheet HTML 10Page - Intersil Corporation CDP1802ACD3 Datasheet HTML 11Page - Intersil Corporation CDP1802ACD3 Datasheet HTML 12Page - Intersil Corporation CDP1802ACD3 Datasheet HTML 13Page - Intersil Corporation CDP1802ACD3 Datasheet HTML 14Page - Intersil Corporation CDP1802ACD3 Datasheet HTML 15Page - Intersil Corporation CDP1802ACD3 Datasheet HTML 16Page - Intersil Corporation CDP1802ACD3 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
FN1441.3
October 17, 2008
FIGURE 12. INTERRUPT CYCLE TIMING WAVEFORMS
Performance Curves
FIGURE 13. TYPICAL MAXIMUM CLOCK FREQUENCY AS A
FUNCTION OF TEMPERATURE
FIGURE 14. TYPICAL MAXIMUM CLOCK FREQUENCY AS A
FUNCTION OF SUPPLY VOLTAGE
Machine Cycle Timing Waveforms (Propagation Delays Not Shown) (Continued)
01
23
45
67
01
23
45
670
12
34
56
CLOCK
TPA
TPB
MACHINE
CYCLE
INSTRUCTION
CYCLE n
CYCLE (n + 1)
CYCLE (n + 2)
INTERRUPT (S3)
EXECUTE (S1)
FETCH (S0)
MRD
MWR
INTERRUPT
MEMORY
OUTPUT
VALID OUTPUT
NOTE: USER GENERATED SIGNAL
MEMORY READ CYCLE
MEMORY READ, WRITE
NON-MEMORY CYCLE
OR NON-MEMORY CYCLE
“DON’T CARE” OR INTERNAL DELAYS
HIGH IMPEDANCE STATE
(NOTE)
(INTERNAL) IE
5
4
3
2
1
0
6
7
8
35
45
55
65
75
85
95
105
115
25
125
VDD = 5V
LOAD CAPACITANCE (CL) = 50pF
AMBIENT TEMPERATURE (TA) (°C)
34567
89
10
12
2
SUPPLY VOLTAGE (VDD) (V)
11
5
4
3
2
1
0
6
7
8
LOAD CAPACITANCE (CL) = 50pF
TA = +25°C
TA = +125°C
CDP1802AC/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com