Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54500 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL54500
Description  1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54500 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54500 Datasheet HTML 5Page - Intersil Corporation ISL54500 Datasheet HTML 6Page - Intersil Corporation ISL54500 Datasheet HTML 7Page - Intersil Corporation ISL54500 Datasheet HTML 8Page - Intersil Corporation ISL54500 Datasheet HTML 9Page - Intersil Corporation ISL54500 Datasheet HTML 10Page - Intersil Corporation ISL54500 Datasheet HTML 11Page - Intersil Corporation ISL54500 Datasheet HTML 12Page - Intersil Corporation ISL54500 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6549.2
November 9, 2009
very consistent over a wide V+ range, and for varying
analog signal levels.
An OFF switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal
feedthrough from a switch’s input to its output.
Off-isolation is the resistance to this feedthrough, while
crosstalk indicates the amount of feedthrough from
one switch to another. Figure 18 details the high
off-isolation provided by this family. At 1MHz,
of-isolation is about 75dB in 50Ω systems, decreasing
approximately 20dB per decade as frequency
increases. Higher load impedances decrease
off-isolation due to the voltage divider action of the
switch OFF impedance and the load impedance.
Leakage Considerations
ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND.
One of these diodes conducts if any analog signal
exceeds V+ or GND.
Virtually all the analog leakage current comes from the
ESD diodes to V+ or GND. Although the ESD diodes on
a given signal pin are identical and therefore fairly well
balanced, they are reverse biased differently. Each is
biased by either V+ or GND and the analog signal. This
means their leakages will vary as the signal varies. The
difference in the two diode leakages to the V+ and
GND pins constitutes the analog-signal-path leakage
current. All analog leakage current flows between each
pin and one of the supply terminals, not to the other
switch terminal. This is why both sides of a given
switch can show leakage currents of the same or
opposite polarity. There is no connection between the
analog signal paths and V+ or GND.
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified
FIGURE 10. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 11. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 13. ON-RESISTANCE vs SWITCH VOLTAGE
VCOM (V)
01
2345
0
1
2
3
4
5
6
7
8
ICOM = 100mA
V+ = 2.7V
V+ = 3V
V+ = 4.5V
V+ = 5V
VCOM (V)
1
2
3
4
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V+ = 4.5V
ICOM = 100mA
+25°C
+85°C
-40°C
6
VCOM (V)
2
3
4
5
6
7
8
0
0.5
1.0
1.5
2.0
2.5
V+ = 2.7V
ICOM = 100mA
+25°C
+85°C
-40°C
VCOM (V)
2
3
4
5
6
7
8
9
10
11
12
13
14
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V+ = 1.8V
ICOM = 10mA
+25°C
+85°C
-40°C
ISL54500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com