Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4584CS Datasheet(PDF) 15 Page - Intersil Corporation

Part # EL4584CS
Description  Horizontal Genlock, 4FSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4584CS Datasheet(HTML) 15 Page - Intersil Corporation

Back Button EL4584CS Datasheet HTML 7Page - Intersil Corporation EL4584CS Datasheet HTML 8Page - Intersil Corporation EL4584CS Datasheet HTML 9Page - Intersil Corporation EL4584CS Datasheet HTML 10Page - Intersil Corporation EL4584CS Datasheet HTML 11Page - Intersil Corporation EL4584CS Datasheet HTML 12Page - Intersil Corporation EL4584CS Datasheet HTML 13Page - Intersil Corporation EL4584CS Datasheet HTML 14Page - Intersil Corporation EL4584CS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7174.3
May 9, 2008
EL4584
Plastic Dual-In-Line Packages (PDIP)
MDP0031
PLASTIC DUAL-IN-LINE PACKAGE
SYMBOL
INCHES
TOLERANCE
NOTES
PDIP8
PDIP14
PDIP16
PDIP18
PDIP20
A
0.210
0.210
0.210
0.210
0.210
MAX
A1
0.015
0.015
0.015
0.015
0.015
MIN
A2
0.130
0.130
0.130
0.130
0.130
±0.005
b
0.018
0.018
0.018
0.018
0.018
±0.002
b2
0.060
0.060
0.060
0.060
0.060
+0.010/-0.015
c
0.010
0.010
0.010
0.010
0.010
+0.004/-0.002
D
0.375
0.750
0.750
0.890
1.020
±0.010
1
E
0.310
0.310
0.310
0.310
0.310
+0.015/-0.010
E1
0.250
0.250
0.250
0.250
0.250
±0.005
2
e
0.100
0.100
0.100
0.100
0.100
Basic
eA
0.300
0.300
0.300
0.300
0.300
Basic
eB
0.345
0.345
0.345
0.345
0.345
±0.025
L
0.125
0.125
0.125
0.125
0.125
±0.010
N
8
14
16
18
20
Reference
Rev. C 2/07
NOTES:
1. Plastic or metal protrusions of 0.010” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions E and eA are measured with the leads constrained perpendicular to the seating plane.
4. Dimension eB is measured with the lead tips unconstrained.
5. 8 and 16 lead packages have half end-leads as shown.
D
L
A
e
b
A1
NOTE 5
A2
SEATING
PLANE
L
N
PIN #1
INDEX
E1
12
N/2
b2
E
eB
eA
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com