Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3555 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3555
Description  Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interfacev
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3555 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3555 Datasheet HTML 1Page - National Semiconductor (TI) LM3555 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
January 15, 2009
LM3555 PRODUCT BRIEF
Synchronous Boost Converter with 500 mA High Side LED
Driver and Dual-Mode Control Interface
General Description
The LM3555 is a 2 MHz fixed frequency, current mode syn-
chronous boost converter designed to drive either a single
flash LED at 500 mA or two series flash LEDs at 400 mA. A
high-voltage current source allows the LEDs to be terminated
to the GND plane eliminating the need for an additional return
trace back to the IC.
A dual mode control interface allows the user to configure the
LM3555 with a general purpose interface using two enable
pins for control or an I2C allowing a higher level of control.
Both interfaces allow access to the indicator, assist light and
flash modes. A dedicated Strobe pin provides a direct inter-
face to trigger the flash event, while an external Torch pin
provides an additional method for enabling the LEDs in a
constant current mode.
The LM3555 can adaptively scale the maximum flash level
delivered to the LED/LEDs based upon the flash configura-
tion, whether it be a single LED or two LEDs in series.
Eight protection features are available on the LM3555 ranging
from over-voltage protection, to broken inductor detection.
The LM3555 has four selectable inductor current limits to help
the user select an inductor that is appropriate for the design.
Features
High Voltage High-Side Current Source Allows for
Grounded Cathode LED Operation
Synchronous Boost Converter
Peak Converter Efficiency >90%
Accurate and Programmable LED Current ranging from
60mA to 500mA
Adaptive LED Current Range Based on LED Configuration
Dedicated Indicator Current Source
Dedicated Torch and Strobe Pins
Dual Mode Control (General Purpose or I2C)
Broken Inductor Detection
Output Over-Voltage Protection
Output and LED Short-Circuit Protection
400kHz I2C Compatible Interface
12–Bump, 1.575 mm x 2.1 mm x 0.6 mm micro SMD
Package (TLA12BCA)
Applications
Camera Phone LED Flash
Typical Application Circuits
30079401
© 2009 National Semiconductor Corporation
300794
www.national.com


Similar Part No. - LM3555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3555 TI-LM3555 Datasheet
1Mb / 33P
LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
Synchronous Boost Converter
LM3555 TI2-LM3555 Datasheet
842Kb / 37P
LM3555 Synchronous Boost Converter With 500-mA High-Side LED Driver and Dual-Mode Control Interface
REVISED APRIL 2016
LM3555TLE TI-LM3555TLE Datasheet
1Mb / 33P
LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
LM3555TLE/NOPB TI1-LM3555TLE/NOPB Datasheet
1Mb / 38P
Synchronous Boost Converter
More results

Similar Description - LM3555

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
LM3561 TI1-LM3561 Datasheet
2Mb / 36P
LM3561 Synchronous Boost Converter with 600mA High Side LED Driver and I 2 C-Compatible Interface
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
LM3555TLE TI-LM3555TLE Datasheet
1Mb / 33P
LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
LM3554 TI1-LM3554_14 Datasheet
4Mb / 43P
Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
Piezo and LED Driver with Synchronous Boost DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com