Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3445M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3445M
Description  Triac Dimmable Offline LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3445M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3445M Datasheet HTML 1Page - National Semiconductor (TI) LM3445M Datasheet HTML 2Page - National Semiconductor (TI) LM3445M Datasheet HTML 3Page - National Semiconductor (TI) LM3445M Datasheet HTML 4Page - National Semiconductor (TI) LM3445M Datasheet HTML 5Page - National Semiconductor (TI) LM3445M Datasheet HTML 6Page - National Semiconductor (TI) LM3445M Datasheet HTML 7Page - National Semiconductor (TI) LM3445M Datasheet HTML 8Page - National Semiconductor (TI) LM3445M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM3445
September 22, 2010
Triac Dimmable Offline LED Driver
General Description
The LM3445 is an adaptive constant off-time AC/DC buck
(step-down) constant current controller designed to be com-
patible with triac dimmers. The LM3445 provides a constant
current for illuminating high power LEDs and includes a triac
dim decoder. The dim decoder allows wide range LED dim-
ming using standard triac dimmers. The high frequency ca-
pable architecture allows the use of small external passive
components. The LM3445 includes a bleeder circuit to ensure
proper triac operation by allowing current flow while the line
voltage is low to enable proper firing of the triac. A passive
PFC circuit ensures good power factor by drawing current di-
rectly from the line for most of the cycle, and provides a
constant positive voltage to the buck regulator. Additional
features include thermal shutdown, current limit and V
CC un-
der-voltage lockout.
Features
■ Triac dim decoder circuit for LED dimming
■ Application voltage range 80V
AC – 277VAC
■ Capable of controlling LED currents greater than 1A
■ Adjustable switching frequency
■ Low quiescent current
■ Adaptive programmable off-time allows for constant ripple
current
■ Thermal shutdown
■ No 120Hz flicker
■ Low profile 10 pin MSOP Package or 14 pin SOIC
■ Patent pending drive architecture
Applications
■ Retro Fit Triac Dimming
■ Solid State Lighting
■ Industrial and Commercial Lighting
■ Residential Lighting
Typical LM3445 LED Driver Application Circuit
30060301
30060305
© 2010 National Semiconductor Corporation
300603
www.national.com


Similar Part No. - LM3445M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3445M TI-LM3445M Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3445M TI1-LM3445M Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
LM3445M/NOPB TI1-LM3445M/NOPB Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
LM3445M/NOPB TI2-LM3445M/NOPB Datasheet
1Mb / 46P
LM3445 TRIAC Dimmable Offline LED Driver
REVISED NOVEMBER 2015
LM3445M/NOPB.A TI2-LM3445M/NOPB.A Datasheet
1Mb / 46P
LM3445 TRIAC Dimmable Offline LED Driver
REVISED NOVEMBER 2015
More results

Similar Description - LM3445M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
Rev 1
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com