Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32537 Datasheet(PDF) 2 Page - EPCOS

Part # B32537
Description  Film Capacitors Metallized Polyester Film Capacitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32537 Datasheet(HTML) 2 Page - EPCOS

  B32537 Datasheet HTML 1Page - EPCOS B32537 Datasheet HTML 2Page - EPCOS B32537 Datasheet HTML 3Page - EPCOS B32537 Datasheet HTML 4Page - EPCOS B32537 Datasheet HTML 5Page - EPCOS B32537 Datasheet HTML 6Page - EPCOS B32537 Datasheet HTML 7Page - EPCOS B32537 Datasheet HTML 8Page - EPCOS B32537 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Typical applications
Measurement equipment
Rough environments
High-rel circuits in industrial electronics
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/100/56
Features
Optimum self-healing capability
Excellent short circuit protection
Very high reliability
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Construction with structured metallization
Tubular winding
Encapsulated in metal tube
Insulating sleeve
Face ends sealed with epoxy resin
Terminals
Central axial leads, lead-free tinned
Marking
Manufacturer's logo, style (MKT-S),
rated capacitance (coded)
capacitance tolerance (code letter)
rated voltage, date of manufacture (coded)
Delivery mode
Bulk (untaped)
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Diameter d
<8.5
8.5 ... 16 >16
Lead diameter d1
0.6
0.8
1.0
When bending leads take care to leave a
clearance of 1 mm to the capacitor body.
Metallized polyester film capacitors (MKT-S)
B32537
High reliability (wound)
Page 2 of 20
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com