Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32560 Datasheet(PDF) 13 Page - EPCOS

Part # B32560
Description  Film Capacitors Metallized Polyester Film Capacitors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32560 Datasheet(HTML) 13 Page - EPCOS

Back Button B32560_09 Datasheet HTML 9Page - EPCOS B32560_09 Datasheet HTML 10Page - EPCOS B32560_09 Datasheet HTML 11Page - EPCOS B32560_09 Datasheet HTML 12Page - EPCOS B32560_09 Datasheet HTML 13Page - EPCOS B32560_09 Datasheet HTML 14Page - EPCOS B32560_09 Datasheet HTML 15Page - EPCOS B32560_09 Datasheet HTML 16Page - EPCOS B32560_09 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Lead spacing
7.5 mm
10 mm
15 mm
22.5 mm
27.5 mm
VR
VRMS
V DC
V AC
dV/dt in V/
µs
63
40
120
60
100
63
150
75
50
50
25
250
160
200
150
100
100
50
400
200
275
175
125
125
60
420
200
60
630
350
320
150
630
400
320
1000
500
360
k0 values
Lead spacing
7.5 mm
10 mm
15 mm
22.5 mm
27.5 mm
VR
VRMS
V DC
V AC
k0 in V2/
µs
63
40
15 000
7500
100
63
30 000
15 000
10 000
10 000
5 000
250
160
100 000
75 000
50 000
50 000
25 000
400
200
220 000
140 000
100 000
100 000
50 000
420
200
50 000
630
350
400 000
190 000
630
400
400 000
1000
500
720 000
B32560 ... B32564
General purpose (stacked) SilverCapTM
Page 13 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com