Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32591 Datasheet(PDF) 2 Page - EPCOS

Part # B32591
Description  Film Capacitors Metallized Polyester Film Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32591 Datasheet(HTML) 2 Page - EPCOS

  B32591 Datasheet HTML 1Page - EPCOS B32591 Datasheet HTML 2Page - EPCOS B32591 Datasheet HTML 3Page - EPCOS B32591 Datasheet HTML 4Page - EPCOS B32591 Datasheet HTML 5Page - EPCOS B32591 Datasheet HTML 6Page - EPCOS B32591 Datasheet HTML 7Page - EPCOS B32591 Datasheet HTML 8Page - EPCOS B32591 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Typical applications
Compact fluorescent lamps (CFL)
Blocking
Coupling, decoupling
Bypassing
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/100/56
Features
High pulse strength
High contact reliability
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Stacked-film technology for lead spacing
10 and 15 mm (100 ... 400 V DC);
Wound capacitor technology for lead
spacing 10 and 15 mm (630 V DC) as well
as for lead spacing 22.5 and 27.5 mm
Epoxy resin coating (UL 94 V-0)
Terminals
Crimped wire leads, lead-free tinned,
lead length 6
1 mm or min. 20 mm
Straight wire leads, lead-free tinned,
lead length 17
±3 mm
Different lead spacings
(reduced and enlarged) available,
lead length 6
1 mm
Marking
Manufacturer's logo,
rated capacitance (coded),
capacitance tolerance (code letter),
rated DC voltage,
additional for lead spacing
≥15 mm:
style, type, date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel) for lead spacing
≤22.5 mm.
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Lead spacing
±0.8
Lead diameter
d1
Type
1) 0.5 mm for capacitor width w
≤5 mm
10.0
0.61)
B32591
15.0
0.6
B32592
22.5
0.8
B32593
27.5
0.8
B32594
Metallized polyester film capacitors (MKT)
B32591 ... B32594
General purpose (stacked/wound)
Page 2 of 26
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com