Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32932 Datasheet(PDF) 2 Page - EPCOS

Part # B32932
Description  Film Capacitors Metallized Polyester Film Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32932 Datasheet(HTML) 2 Page - EPCOS

  B32932 Datasheet HTML 1Page - EPCOS B32932 Datasheet HTML 2Page - EPCOS B32932 Datasheet HTML 3Page - EPCOS B32932 Datasheet HTML 4Page - EPCOS B32932 Datasheet HTML 5Page - EPCOS B32932 Datasheet HTML 6Page - EPCOS B32932 Datasheet HTML 7Page - EPCOS B32932 Datasheet HTML 8Page - EPCOS B32932 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Typical applications
For connection in series with the mains
For severe ambient conditions
Capacitive power supply applications
Energy meters
Climatic
Max. operating temperature: 105
°C
Climatic category (IEC 60068-1):
40/105/56
Features
High stability of capacitance value
X2 safety approval (up to 2.2
µF)
Construction
Dielectric: metallized polyester
Internal series connection
Plastic case (UL 94 V-0)
Epoxy resin sealing, flame-retardant
Terminals
Parallel wire leads, lead-free tinned
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, lot number,
date code, rated capacitance (coded),
capacitance tolerance (code letter),
rated AC voltage (IEC),
series number, sub-class (X2),
dielectric code (MKT), climatic category
Delivery mode
Bulk (untaped, lead length 6 - 1 mm)
Taped (Ammo pack or reel)
Approvals
Approval mark Standards
Certificate
EN 60384-14
IEC 60384-14
40028058
UL 60384-14
E97863
CSA E60384-14:09 E97863
Note: X2 safety approval for C
≤ 2.2 µF
Dimensional drawing
Dimensions in mm
Lead
spacing
±0.4
Lead
diameter
d1
Type
15
0.8
B32932
22.5
0.8
B32933
27.5
0.8
B32934
37.5
1.0
B32936
Marking examples
Metallized Polyester Film Capacitors (MKT)
B32932 ... B32936
AC applications (heavy duty series) / 305 V AC
Page 2 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com