Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T21-A350X Datasheet(PDF) 2 Page - EPCOS

Part # T21-A350X
Description  SURGE ARRESTER 2-electrode arrester
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

T21-A350X Datasheet(HTML) 2 Page - EPCOS

  T21-A350X Datasheet HTML 1Page - EPCOS T21-A350X Datasheet HTML 2Page - EPCOS T21-A350X Datasheet HTML 3Page - EPCOS T21-A350X Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X5120B252
3-electrode arrester
T21-A350X
KB AB E / KB AB PM
Issue 07 / 2007-04-23
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Standard size
Fast response time
Very high current rating
Stable performance over life
Very low capacitance
High insulation resistance
RoHS-compatible
Line protection
Station protection
Base stations
Electrical specifications
DC spark-over voltage
1) 2) 4)
350
± 20
V
%
Impulse spark-over voltage
4)
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 650
< 550
< 700
< 600
V
V
V
V
Service life
10 operations
50 Hz; 1 s
5)
10
A
1 operation
50 Hz; 9 cycles
5)
50
A
10 operations
8/20 µs
5)
20
kA
1 operation
8/20 µs
5)
25
kA
1 operation
10/350 µs
5)
5
kA
Insulation resistance at 100 Vdc
4)
> 10
G
Ω
Capacitance at 1 MHz
4)
< 1.5
pF
Transverse delay time
3)
< 0.2
µs
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 35
~ 1
~ 200
V
A
V
Weight
~ 2.2
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue negative
350 YY O
350
- Nominal voltage
YY
- Year of production
O
- Non radioactive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com