Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V10-A500X Datasheet(PDF) 2 Page - EPCOS

Part # V10-A500X
Description  SURGE ARRESTER 2-electrode arrester
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

V10-A500X Datasheet(HTML) 2 Page - EPCOS

  V10-A500X Datasheet HTML 1Page - EPCOS V10-A500X Datasheet HTML 2Page - EPCOS V10-A500X Datasheet HTML 3Page - EPCOS V10-A500X Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surge arrester
B88069X4400C251
2-electrode arrester
V10-A500X
KB AB E / KB AB PM
Issue 10 / 2008-01-17
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
Features
Applications
Standard size
Maximum current rating
Fast response time
Stable performance over life
High insulation resistance
RoHS-compatible
AC power lines
Class II - requirements
Electrical specifications
DC spark-over voltage
1) 2)
400 ... 600
V
Impulse spark-over voltage
- at 1.2/50 µs, 6 kV, for 99 % of measured values
< 1500
V
Response time
- typical values
< 100
< 20
ns
ns
Insulation resistance at 100 Vdc
> 1
G
Ω
Class II according to EN 61643-11
Max. continuous operating voltage at 50/60 Hz
Uc
Nominal discharge current 8/20 µs
In
Maximum discharge current 8/20 µs
Imax
Follow current at 50/60 Hz
If
255
20
40
100
Vrms
kA
kA
Arms
AC discharge current (TOV
3) at 1200 V)
1 operation
50 Hz, 0.2 s
300
A
Weight
~ 8
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, black positive
500 YY O
500
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
3)
TOV – Temporary over voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com