Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3218SE Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3218SE
Description  650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3218SE Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3218SE Datasheet HTML 1Page - National Semiconductor (TI) LM3218SE Datasheet HTML 2Page - National Semiconductor (TI) LM3218SE Datasheet HTML 3Page - National Semiconductor (TI) LM3218SE Datasheet HTML 4Page - National Semiconductor (TI) LM3218SE Datasheet HTML 5Page - National Semiconductor (TI) LM3218SE Datasheet HTML 6Page - National Semiconductor (TI) LM3218SE Datasheet HTML 7Page - National Semiconductor (TI) LM3218SE Datasheet HTML 8Page - National Semiconductor (TI) LM3218SE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Connection Diagram
30050420
NS Package Number SE08A
Order Information
Order Number
Package Marking (Note)
Supplied As
LM3218SE
XVS SA
250 units, Tape-and-Reel
LM3218SEX
XVS SA
3000 units, Tape-and-Reel
Note: The actual physical placement of the package marking will vary from part to part. The package marking “X” designates the date code. “V” is a NSC internal
code for die traceability. Both will vary in production. “S” designates device type as switcher and “SA” identifies the device (part number).
Pin Descriptions
Pin #
Name
Description
1
EN
Enable Input. Set this digital input high for normal operation. For shutdown, set low.
2
V
CON
Voltage Control Analog input. V
CON controls VOUT in PWM mode.
3
FB
Feedback Analog Input. Connect to the V
OUT pin.
4
SGND
Analog and Control Ground.
5
V
OUT
Output Voltage, connects to one terminal of 2.6 µH inductor. Connect output filter capacitor C2 to get DC
voltage out.
6
PGND
Power Ground
7
PV
IN
Power Supply Voltage Input to the internal Buck PFET switch.
8
V
DD
Analog Supply Input.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com